Electronic Components Datasheet Search
  English  ▼

X  

ESS15 Datasheet(PDF) 3 Page - ETA-USA

Part # ESS15
Description  AC/DC SWITCHING POWER SUPPLY SINGLE CHANNEL OUTPUT 15 WATTS UNIVERSAL INPUT
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETA-USA [ETA-USA]
Direct Link  https://www.eta-usa.com/
Logo ETA-USA - ETA-USA

ESS15 Datasheet(HTML) 3 Page - ETA-USA

  ESS15 Datasheet HTML 1Page - ETA-USA ESS15 Datasheet HTML 2Page - ETA-USA ESS15 Datasheet HTML 3Page - ETA-USA ESS15 Datasheet HTML 4Page - ETA-USA ESS15 Datasheet HTML 5Page - ETA-USA ESS15 Datasheet HTML 6Page - ETA-USA ESS15 Datasheet HTML 7Page - ETA-USA  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
ETA USA
16170 Vineyard Blvd. Suite 180, Morgan Hill, CA 95037
Visit us at: www.eta-usa.com
Phone: 1-800-ETA-POWR, (408) 778-2793 Fax: (408) 779-2753
email at: sales@eta-usa.com
Conditions:
*1 Rated input and Rated output
*2 at Output current quick change 25% to 75%
*3 At 100% load (convection cooling)
*4 Cold start at
25 °C Ambient temp.
Environmental Specification
Operating Temperature*3
-10 to +71 °C
Operating Humidity
20~90% RH non condensing
Storage Temperature
-30 to +85 °C
Storage Humidity
10~95% RH
Withstanding Voltage
Primary-Secondary
AC3,000V for 1minute
Primary-Frame Ground
AC2,500V for 1minute
Secondary-Frame Ground
AC1,000V for 1minute
*Sensory Current: Secondary Frame Ground
(20[mA])/Others (10[mA])
Isolation Resistance
Primary-Secondary-Frame Ground
100MΩ(minimum) by
DC500V insulation tester
Vibration
5~10Hz:10mm double amplitude,10-55Hz:19.6m/s2,30 minute
cycle each along X,Y,Z axes(non-operating)
Shock
196 m/s2 on x,y,z axis
Cooling
Convection
Leakage current
500
µA
MTBF
>360,000 hours
Environmental Agencies
Line Conducted Noise [EMI]
Built to meet FCC-B, VCCI-B, CISPR22-B, EN55022-B
Line Harmonic
Distortion/Current
Not available
Safety
UL60950-1 1st ed. ,
CAN/CSA C22.2 No.60950-1-03
Approved
UL508 17th ed. ,
CAN/CSA C22.2 No.107.1-01 Approved
EN60950-1:2001+A11:2004
Approved
CE Marking:EN60950-1:2001+A11:2004(LVD)
Declared
Function/Protection
Over current Protection
Operate at 105% min of rated current, automatic return
Over voltage Protection
Input reentry at shutdown
Remote Sense
Not Available
Remote Control
Not Available
Series Operation
Available
Parallel Operation
Not available (N+1 application is possible by diode-OR)
Driving Indicator
Power Source on LED indication; Green
Mechanical
Dimension [mm]
33.5W × 86.5L × 68H
Weight
[g](typical)
200g



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com