Electronic Components Datasheet Search
  English  ▼

X  

OJS15SA Datasheet(PDF) 1 Page - ETA-USA

Part # OJS15SA
Description  AC/DC SWITCHING POWER SUPPLY AC INPUT 85~132 SINGLE CHANNEL OUTPUT 10 WATTS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETA-USA [ETA-USA]
Direct Link  https://www.eta-usa.com/
Logo ETA-USA - ETA-USA

OJS15SA Datasheet(HTML) 1 Page - ETA-USA

  OJS15SA Datasheet HTML 1Page - ETA-USA OJS15SA Datasheet HTML 2Page - ETA-USA OJS15SA Datasheet HTML 3Page - ETA-USA  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
ETA USA
16170 Vineyard Blvd. Suite 180, Morgan Hill, CA 95037
Visit us at: www.eta-usa.com
Phone: 1-800-ETA-POWER, (408) 778-2793 Fax: (408) 779-2753
email at: sales@eta-usa.com
OJS-SA
SERIES
Dimension: W36×L78×H22mm
*1 cold start
*2 at DC130V input, 25C and rated output
*3 measured by a bayonet probe at the output connector at a 0 to 100MHz bandwidth
*4 at -10 to +71C
*5 only for 7hours from 1hour after switch-on at 25°C and rated input/output
*6 when output current changed rapidly between 25% and 75% of rated current at rated input
*7 only for a limited time of over current
General Description
Input
Input Voltage:
Input Range:
Input Current:
Frequency:
Input Frequency Range:
Phase:
Inrush Current: *1
Leakage Current:
AC100-115V(DC130)
AC85-132V(DC110-175V)
0.3
50/60Hz
47-440Hz
Single
20A(typical) at AC100V
55uA at 25C,50Hz, AC100V input measured by Yokogawa #3226
1KOhm/0.1uF
Output
Models
Characteristic
Unit
OJS3.3SA
OJS05SA
OJS12SA
OJS15SA
OJS24SA
Output Voltage
Vdc
3.3
5
12
15
24
Output Current
A
2
2
0.9
0.7
0.45
Voltage Tolerance
Vmax
±0.066
±0.1
±0.24
±0.3
±0.48
Ripple & Noise(max)*3
mVpp
100
150
220
250
340
Rise up time
mS
200mS(maximum) at 25C and rated input/output
Hold up time
mS
20mS(typical) at 25C
Regulation
a. Static Line Regulation
mV
26
40
96
120
192
b. Static Load Regulation
mV
30
45
108
135
216
c. Temperature Coefficient *4
°C
0.03%/C(maximum)
e. Drift(maximum) *5
mV
32
40
75
90
135
f. Dynamic Load
Regulation (typ.) *6
mV
±150
±150
±360
±450
±720
g. Recovery Time
mS
20mS(typical)
Efficiency *2
%
71
77
80
81
80
A
AC
C//D
DC
C SSW
WIITTC
CH
HIIN
NG
G PPO
OW
WEER
R SSU
UPPPPLLYY
A
AC
C IIN
NPPU
UTT 8855~~113322
S
SIIN
NG
GLLEE C
CH
HA
AN
NN
NEELL O
OU
UTTPPU
UTT
1100 W
WA
ATTTTSS


Similar Part No. - OJS15SA

ManufacturerPart #DatasheetDescription
logo
ETA-USA
OJS15SX ETA-USA-OJS15SX Datasheet
227Kb / 4P
AC/DC SWITCHING POWER SUPPLY AC INPUT 85~264 SINGLE CHANNEL OUTPUT 10 WATTS
More results

Similar Description - OJS15SA

ManufacturerPart #DatasheetDescription
logo
ETA-USA
BJS-FWA-U ETA-USA-BJS-FWA-U Datasheet
1Mb / 3P
AC/DC SWITCHING POWER SUPPLY AC INPUT 85~132V DUAL CHANNEL OUTPUT 10 WATTS
BJS-SA-U ETA-USA-BJS-SA-U Datasheet
1Mb / 6P
AC/DC SWITCHING POWER SUPPLY AC INPUT 85~132V SINGLE CHANNEL OUTPUT 150 WATTS
ERS-SA ETA-USA-ERS-SA Datasheet
837Kb / 3P
AC/DC SWITCHING POWER SUPPLY INPUT: 85~132VAC SINGLE OUTPUT 10 WATTS
OJS-SX ETA-USA-OJS-SX Datasheet
227Kb / 4P
AC/DC SWITCHING POWER SUPPLY AC INPUT 85~264 SINGLE CHANNEL OUTPUT 10 WATTS
VTS-SA ETA-USA-VTS-SA Datasheet
1Mb / 4P
AC/DC SWITCHING POWER SUPPLY INPUT: 85~132VAC SINGLE OUTPUT 10 WATTS
BJB-SA-U ETA-USA-BJB-SA-U Datasheet
648Kb / 4P
AC/DC SWITCHING POWER SUPPLY AC INPUT 85~132V SINGLE CHANNEL OUTPUT 50 WATTS
BFD-SX-U1 ETA-USA-BFD-SX-U1 Datasheet
296Kb / 5P
AC/DC SWITCHING POWER SUPPLY AC INPUT 85~264V SINGLE CHANNEL OUTPUT 100 WATTS
BFE-SX-U1 ETA-USA-BFE-SX-U1 Datasheet
306Kb / 4P
AC/DC SWITCHING POWER SUPPLY AC INPUT 85~264 SINGLE CHANNEL OUTPUT 150 WATTS
PFD-SX-U1 ETA-USA-PFD-SX-U1 Datasheet
1Mb / 4P
AC/DC SWITCHING POWER SUPPLY AC INPUT 85~264 SINGLE CHANNEL OUTPUT 120 WATTS
ERE-SA-U ETA-USA-ERE-SA-U Datasheet
498Kb / 3P
AC/DC SWITCHING POWER SUPPLY AC INPUT 85~132V SINGLE CHANNEL OUTPUT 150 WATTS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com