Electronic Components Datasheet Search
  English  ▼

X  

SP8481KS Datasheet(PDF) 6 Page - Sipex Corporation

Part # SP8481KS
Description  Monolithic, 12-Bit Data Acquisition System
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP8481KS Datasheet(HTML) 6 Page - Sipex Corporation

Back Button SP8481KS Datasheet HTML 2Page - Sipex Corporation SP8481KS Datasheet HTML 3Page - Sipex Corporation SP8481KS Datasheet HTML 4Page - Sipex Corporation SP8481KS Datasheet HTML 5Page - Sipex Corporation SP8481KS Datasheet HTML 6Page - Sipex Corporation SP8481KS Datasheet HTML 7Page - Sipex Corporation SP8481KS Datasheet HTML 8Page - Sipex Corporation SP8481KS Datasheet HTML 9Page - Sipex Corporation SP8481KS Datasheet HTML 10Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
306
SP8481
GAIN ADJUST
125K
Ω
+15V
10K
Ω
±0.3% Trim Range
5
19K
Ω
Center pot
for zero
correction
SP8481
OFFSET ADJUST
100K
Ω
+15V
5K
Ω
–1.5mV to +3mV
4
Figure 1. Offset Adjust
Figure 2. Gain Adjust
outputs when high and starts the conversion
when low. CS and CE may also be used with
R/C to initiate a conversion. The last of the three
inputs to reach the correct state starts the conver-
sion, therefore one, two or all three may be
dynamically controlled. The nominal delay from
all three is the same and they may change state
simultaneously. In order to ensure that a particu-
lar input controls the conversion the other two
should be set up at least 50ns earlier.
The
STATUS line indicates when a conversion is in
process and when it is complete. The A0 input is
used to configure the output data.
The conversion cycle is started when R/C is
brought low and must be held low for a minimum
of 50ns. The R/C signal will also put the output
latches in a tri-state mode when low. Approxi-
mately 200ns after R/C is low, STATUS will
change from low to high. This output signal will
stay high while the SP8481 is performing a
conversion. Valid data will be latched to the
output bus, through internal control, 500ns prior
to the STATUS line transitioning from a high to
low.
Reading the Data
The output data buffers will remain in a high
impedance state until the following four condi-
tions are met: R/C is HIGH, STATUS is LOW,
CE is HIGH and CS is LOW. The data lines
become active in response to the four conditions
and will latch data according to the conditions of
A0 line. Please refer to Figure 5 for the appropri-
ate timing. All conditions must be met at least
50ns prior to reading the data to allow sufficient
time for the output latches to come out of the high
impedance state. A0 is used to access the data.
The first 8 MSBs will be on pins 26 through 19,
with pin 26 being the MSB. The remaining 4
LSBs will be on pins 23 through 26 with pin 23
being the LSB. When A0 is switched from one
state to the next, there is a 50ns output latch
propagation delay between the MSBs and LSBs
being present on the output pins.
CALIBRATION
The calibration procedure for the SP8481 con-
sists of adjusting the most negative input voltage
(0V) to the ideal output code for offset adjust-
ment, and then adjusting the most positive input
voltage (5.0V) to its ideal output code for gain
adjustment.
Offset Adjustment
The offset adjustment must be completed first.
Please refer to Figure 1. Apply an input voltage
of 0.5LSB or 610
µV to any multiplexer input.
Adjust the offset potentiometer so that the output
code fluctuates evenly between 000…000 and
000…001. It is only necessary to observe the
lower eight LSB’s during this procedure.
Gain Adjustment
With the offset adjusted, the gain error can now
be trimmed to zero. The ideal input voltage
corresponding to 1.5 LSB’s below the nominal
full scale input value, or +4.988V, is applied to
any multiplexer input. The gain potentiometer is
adjusted so that the output code alternates evenly
between 111…111 and 111…110. Again, only
the lower eight LSB’s need be observed during
this procedure. With the above adjustment made,
the converter is now calibrated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com