Electronic Components Datasheet Search
  English  ▼

X  

FS8600_SDS Datasheet(PDF) 4 Page - NXP Semiconductors

Part # FS8600_SDS
Description  Fail-safe system basis chip with multiple SMPSs and LDOs
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS8600_SDS Datasheet(HTML) 4 Page - NXP Semiconductors

  FS8600_SDS Datasheet HTML 1Page - NXP Semiconductors FS8600_SDS Datasheet HTML 2Page - NXP Semiconductors FS8600_SDS Datasheet HTML 3Page - NXP Semiconductors FS8600_SDS Datasheet HTML 4Page - NXP Semiconductors FS8600_SDS Datasheet HTML 5Page - NXP Semiconductors FS8600_SDS Datasheet HTML 6Page - NXP Semiconductors FS8600_SDS Datasheet HTML 7Page - NXP Semiconductors FS8600_SDS Datasheet HTML 8Page - NXP Semiconductors FS8600_SDS Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
NXP Semiconductors
FS8600_SDS
Fail-safe system basis chip with multiple SMPSs and LDOs
5 Ordering information
5.1 Device family
FS8600 device family (called FS86 hereafter) provides selectable features based on part
numbering and OTP configuration.
FS + Core ID
App-
lication
VSUP
max
rating
VPRE VBOOST BUCK LDOs VMONs
Watchdog
FCCU ERRMON
FIN
FS8600
60 V
Yes
Yes
No
2
4
Yes
Yes
Yes
FS8601
60 V
Yes
Yes
No
2
6
Yes
Yes
Yes
FS8602
60 V
Yes
Yes
No
2
8
Yes
Yes
Yes
FS8603
60 V
Yes
Yes
No
2
10
Yes
Yes
No[2]
FS8610
60 V
Yes
Yes
Yes
2
4
Yes
Yes
Yes
FS8611
60 V
Yes
Yes
Yes
2
6
Yes
Yes
Yes
FS8612
60 V
Yes
Yes
Yes
2
8
Yes
Yes
Yes
FS8613
24 V
battery
network
60 V
Yes
Yes
Yes
2
10
Yes
Yes
No[2]
FS8620
36 V
Yes
Yes
No
2
4
Yes
Yes
Yes
FS8621
36 V
Yes
Yes
No
2
6
Yes
Yes
Yes
FS8622
36 V
Yes
Yes
No
2
8
Yes
Yes
Yes
FS8623
36 V
Yes
Yes
No
2
10
Yes
Yes
No[2]
FS8630
36 V
Yes
Yes
Yes
2
4
Yes
Yes
Yes
FS8631
36 V
Yes
Yes
Yes
2
6
Yes
Yes
Yes
FS8632
36 V
Yes
Yes
Yes
2
8
Yes
Yes
Yes
FS8633
12 V
battery
network
36 V
Yes
Yes
Yes
2
10
Yes[1]
Yes
Yes
No[2]
Table 1. Device options
[1]
ASIL B: Watchdog Simple. ASIL D: Watchdog Challenger.
[2]
FIN input shared with VMON9 input
5.2 Part numbering
M
FS
8600
B
M
B
A0
ES
P: prototype
M: standard
S: custom
HV PMIC
FS86 Core ID[1]
Silicon revision
A: A0
B: A1
Ambient temperature (TA)
M: –40 °C to 125 °C
ASIL
B: ASIL B
D: ASIL D
OTP code
A0: OTP A0
xx: OTP xx
Package type
ES: dimple
wettable flank
[1]
See Table 1
Package
Part Number[1]
Application
ASIL
Name
Description
Version
MFS8600BMBA0ES[2]
MFS8601BMBA0ES[2]
MFS8602BMBA0ES[2]
MFS8603BMBA0ES[2]
24 V battery
network
B
HPQFN48eP
HPQFN48, plastic, thermally
enhanced very thin quad flat
package, no lead, wettable flanks
SOT619-26
Table 2. Ordering information
FS8600_SDS
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product short data sheet
Rev. 1.1 — 23 November 2021
4 / 15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com