Electronic Components Datasheet Search
  English  ▼

X  

NBP9 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # NBP9
Description  Battery pressure monitor sensor
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

NBP9 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button NBP9 Datasheet HTML 4Page - NXP Semiconductors NBP9 Datasheet HTML 5Page - NXP Semiconductors NBP9 Datasheet HTML 6Page - NXP Semiconductors NBP9 Datasheet HTML 7Page - NXP Semiconductors NBP9 Datasheet HTML 8Page - NXP Semiconductors NBP9 Datasheet HTML 9Page - NXP Semiconductors NBP9 Datasheet HTML 10Page - NXP Semiconductors NBP9 Datasheet HTML 11Page - NXP Semiconductors NBP9 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 61 page
background image
NXP Semiconductors
NBP9
Battery pressure monitor sensor
Pin
Description
Remarks
PWM (PTA4)
When applicable, a PWM signal is
generated on the PWM pin. The PWM
duty cycle depends on the status flags
and pressure value.
This pin has an internal pull-up to
prevent unwanted BACKGROUND
DEBUG mode entry. The External host
must let the pin float or connect it to
a pull-up that is parallel to the NBP9
internal pull-up. There must be no pull-
down enabled or connected to this pin.
Note: When the NBP9 is in sleep mode, the CS_B/WAKEUP pin is configured as input with pull-up enabled. All other pins
are in high impedance state, which means that the NBP9 does not maintain their levels. Specifically, the level of the PS
ENABLE pin is not maintained by the NBP9 in sleep, so when this signal is used, its idle level must be maintained by an
external circuit.
Note: If the external host will be switched off, the CS_B/WAKE UP signal must be isolated to prevent inadvertent
assertion; a fixed low level at the NBP9 CS_B/WAKE UP input will cause the sensor to remain waiting for the SPI SCLK,
and not collect new pressure measurements.
Table 4. Connection pins description...continued
6.2 Serial peripheral interface (SPI) module
The SPI module is configured as a standard client SPI which allows a full duplex,
synchronous, serial communication between the unit and a server SPI device.
The principal features of the SPI block are summarized as follows:
• Client only mode operation.
• Full-duplex, 4 wire, synchronous serial communication.
• Command-Response communication format.
• SCLK operation up to 10 MHz supported.
• Fixed Clock polarity and phase supported (CPOL=0, CPHA = 0).
– The SPI module requires the base clock value to be at the low state (CPOL = 0) with
data captured on the rising edge of the clock and data propagated on the falling edge
of the clock (CPHA = 0).
• Supports 8-bit register read and write operations via 16 clock transfers.
• Even Parity error-checking.
• Alternate bus controller for the system-on-chip (SoC) internal IP Bus system.
– SPI can be used to access the entire Memory map of the NBP9.
• Contains eight, 8-bit memory mapped registers for user and test mode operations.
• Decodes SPI test mode entry sequence and enables SPI test mode.
As a client, the SPI interface is compatible with SPI interface mode 00, corresponding
to CPOL = 0 and CPHA = 0. For CPOL = 0, the idle value of the clock is zero, and the
active value of the clock is 1. For CPHA = 0, data is captured on the rising edge (low
to high transition) of the clock and data is propagated on the falling edge (high to low
transition) of the clock.
As a client, the CS_B pin is driven low at the start of a transaction, held low during
the transfer, and then driven high again after the transaction is completed. During a
transaction, the server toggles the clock (SCLK). The SCLK polarity is defined as having
an idle value that is low, and an active phase that is high (CPOL = 0). Serial input and
output data is captured on the rising edge of the clock and propagated on the falling
edge (CPHA = 0). Single-byte read and single-byte write operations are completed
in two strobes of CS_B of 16 SCLK cycles each; multiple byte reads and writes are
completed in additional multiples of 16 SCLK cycles. The first SCLK cycle latches the
most significant bit on SOCI to select whether the desired operation is a read (R/W = 1)
NBP9
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2022. All rights reserved.
Product data sheet
Rev. 2.4 — 11 March 2022
8 / 61



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com