Electronic Components Datasheet Search
  English  ▼

X  

SP9841 Datasheet(PDF) 15 Page - Sipex Corporation

Part # SP9841
Description  8-Bit Octal, 2-Quadrant Multiplying, BiCMOS DAC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP9841 Datasheet(HTML) 15 Page - Sipex Corporation

Back Button SP9841 Datasheet HTML 11Page - Sipex Corporation SP9841 Datasheet HTML 12Page - Sipex Corporation SP9841 Datasheet HTML 13Page - Sipex Corporation SP9841 Datasheet HTML 14Page - Sipex Corporation SP9841 Datasheet HTML 15Page - Sipex Corporation SP9841 Datasheet HTML 16Page - Sipex Corporation SP9841 Datasheet HTML 17Page - Sipex Corporation SP9841 Datasheet HTML 18Page - Sipex Corporation SP9841 Datasheet HTML 19Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 32 page
background image
281
PINOUT
24 VOUTD
23 VINC
22 VIND
21 VDD
20 SDI
19 GND
18 SDO
17 CLOCK
16 LOADH
15 VINH
14 VING
13 VOUTH
VOUTC 1
VOUTB
2
VOUTA 3
VINB 4
VINA 5
VREFL
6
PRESETL
7
VINE
8
VINF
9
VOUTE 10
VOUTF 11
VOUTG 12
SP9841
20 VOUTD
19 VINC/D
18 VDD
17 SDI
16 GND
15 SDO
14 CLOCK
13 LOADH
12 VING/H
11 VOUTH
VOUTC 1
VOUTB
2
VOUTA 3
VINA/B 4
VREFL
5
PRESETL
6
VINE/F
7
VOUTE 8
VOUTF 9
VOUTG 10
SP9842
Pin 18 — SDO — Serial Data Output; active totem–
pole output.
Pin 19 — GND — Ground.
Pin 20 — SDI — Serial Data Input.
Pin 21 — V
DD — Positive 5V Power Supply.
Pin 22 — V
IND — DAC D Reference Voltage Input.
Pin 23 — V
INC — DAC C Reference Voltage Input.
Pin 24 — V
OUTD — DAC D Voltage Output.
SP9842 PINOUT
Pin 1 — V
OUTC — DAC C Voltage Output.
Pin 2 — V
OUTB — DAC B Voltage Output.
Pin 3 — V
OUTA — DAC A Voltage Output.
Pin4—V
INA/B — DAC A and B Reference Voltage
Input.
Pin 5 — V
REFL — DAC Reference Voltage Input
Low, common to all DACs.
Pin 6 — PRESETL — Preset Input; active low; all
DAC registers forced to 80
H.
Pin 7 — V
INE/F — DAC E and F Reference Voltage
Input.
Pin 8 — V
OUTE — DAC E Voltage Output.
Pin 9 — V
OUTF — DAC F Voltage Output.
SP9841 PINOUT
Pin 1 — V
OUTC — DAC C Voltage Output.
Pin 2 — V
OUTB — DAC B Voltage Output.
Pin 3 — V
OUTA — DAC A Voltage Output.
Pin 4 — V
INB — DAC B Reference Voltage Input.
Pin 5 — V
INA — DAC A Reference Voltage Input.
Pin 6 — V
REFL — DAC Reference Voltage Input
Low, common to all DACs.
Pin 7 — PRESETL — Preset Input; active low; all
DAC registers forced to 80
H.
Pin 8 — V
INE — DAC E Reference Voltage Input.
Pin 9 — V
INF — DAC F Reference Voltage Input.
Pin 10 — V
OUTE — DAC E Voltage Output.
Pin 11 — V
OUTF — DAC F Voltage Output.
Pin 12 — V
OUTG — DAC G Voltage Output.
Pin 13 — V
OUTH — DAC H Voltage Output.
Pin 14 — V
ING — DAC G Reference Voltage Input.
Pin 15 — V
INH — DAC H Reference Voltage Input.
Pin 16 — LOADH — Load DAC Register Strobe;
active high input that transfers the data bits from the
Serial Input Register into the decoded DAC Register.
Refer to Table 1.
Pin 17 — CLOCK — Serial Clock Input; positive–
edge triggered.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com