Electronic Components Datasheet Search
  English  ▼

X  

SP9840KS Datasheet(PDF) 6 Page - Sipex Corporation

Part # SP9840KS
Description  8-Bit Octal, 4-Quadrant Multiplying, BiCMOS DAC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP9840KS Datasheet(HTML) 6 Page - Sipex Corporation

Back Button SP9840KS Datasheet HTML 2Page - Sipex Corporation SP9840KS Datasheet HTML 3Page - Sipex Corporation SP9840KS Datasheet HTML 4Page - Sipex Corporation SP9840KS Datasheet HTML 5Page - Sipex Corporation SP9840KS Datasheet HTML 6Page - Sipex Corporation SP9840KS Datasheet HTML 7Page - Sipex Corporation SP9840KS Datasheet HTML 8Page - Sipex Corporation SP9840KS Datasheet HTML 9Page - Sipex Corporation SP9840KS Datasheet HTML 10Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
262
LAST
D0
LSB
DATA
ADDRESS
D1
D2
D3
D4
D5
D6
D7
MSB
D7
D6
D5
D4
D3
D2
D1
D0
DAC Output Voltage
VOUT =
–2VREFL
A0
LSB
A1
A2
A3
MSB
A3
A2
A1
A0
DAC Updated
FIRST
0
0
0
0
0
0
0
0
1
1
.
.
1
0
0
0
1
1
1
1
0
0
1
0
0
1
1
0
0
1
0
0
1
1
0
0
1
0
0
1
1
0
0
1
0
0
.
.
.
1
1
0
0
1
0
0
1
1
0
0
1
0
0
1
1
0
1
1
0
1
0
1
0
0
0
0
1
1
1
1
0
0
.
.
1
0
0
1
1
0
0
1
1
0
0
.
.
1
0
1
0
1
0
1
0
1
0
1
.
.
1
No Operation
DACA
DACB
DACC
DACD
DACE
DACF
DACG
DACH
No Operation
.
.
No operation
.
.
.
D
VV
V
IN
REFL
REF
128
1
−

 ∗−
() +
Table 1. Serial Input Decoded Truth Table
In reality, it is possible to define a DC voltage as a
signal ground in a single supply system. If the DAC's
V
REFL pin is driven to the voltage chosen as pseudo–
ground, then each voltage output will exhibit 4–
quadrant behavior with respect to pseudoground. For
codes greater than 128, the output voltage will enter
the quadrant below the pseudoground voltage when
the input voltage goes below pseudoground. For
codes less than 128, the output voltage will be below
pseudogroundwhentheinputisabovepseudoground.
When V
REFL is driven to some positive voltage and
V
IN(X) is grounded, the device performs as if it
were a buffered trimpot tied between ground and
a voltage equal to two times V
REFL. This mode of
operation can be used as an "inverted single–
quadrant" source with an approximate range of 0 to
(V
REFL*2)Volts. Because the output voltage will
decrease as the code is increased, this mode is
considered to be inverted with respect to normal
single–quadrant operation. Note that the mini-
mum output voltage will be 1LSB above V
IN(X).
Figure 2a and 2b show "inverted single–quadrant"
and 4–quadrant performance of the SP9840/9843.
very precise when describing a system which runs
fromasinglepositivesupply.Traditionally,thequad-
rants have been defined with respect to 0V. A two–
quadrant multiplying DAC could produce negative
output voltages only if a negative voltage reference
were applied. A four–quadrant device could also
produce a code–controlled negative output from a
positive reference, or a code–controlled positive out-
put from a negative reference. If ground is used to
delineate the quadrants, then the SP9840/SP9843
should be considered single–quadrant multiplying
devices, as their output op amps cannot produce
voltages below ground.
–
+
DAC
3
V
REFL
+5V
V
DD
V
IN(X)
V
OUT
V
D
VV
V
OUT
IN
REFL
REFL
=−
−
+

()
128
1
Figure 1. DAC and Output Amplifier Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com