Electronic Components Datasheet Search
  English  ▼

X  

SP9841KS Datasheet(PDF) 29 Page - Sipex Corporation

Part # SP9841KS
Description  8-Bit Octal, 2-Quadrant Multiplying, BiCMOS DAC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP9841KS Datasheet(HTML) 29 Page - Sipex Corporation

Back Button SP9841KS Datasheet HTML 24Page - Sipex Corporation SP9841KS Datasheet HTML 25Page - Sipex Corporation SP9841KS Datasheet HTML 26Page - Sipex Corporation SP9841KS Datasheet HTML 27Page - Sipex Corporation SP9841KS Datasheet HTML 28Page - Sipex Corporation SP9841KS Datasheet HTML 29Page - Sipex Corporation SP9841KS Datasheet HTML 30Page - Sipex Corporation SP9841KS Datasheet HTML 31Page - Sipex Corporation SP9841KS Datasheet HTML 32Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 29 / 32 page
background image
295
input DACs to the proper code. The LM339
does not really drive the LED to full illumina-
tion, due to limited output current, but a pull–up
resistor alone will yield a functional TTL error
signal. External op amps could use the V
REFL
voltage as pseudoground. The outputs of the two
signal DACs must be isolated with resistors if
the two signals are to be multiplexed. This will
reduce the signal gain to 255/256 maximum,
due to the resistive divider created at the com-
parator input. If only a single channel was to be
window–compared, then the maximum gain to
the comparator would be the usual 255/128.
Figure 15 shows the schematic of an evaluation
board, which can be used with an IBM–compat-
ible (XT or AT) computer and the simple
QuickBasic routine of Figure 16 to load each
DAC channel with its desired code. A straight–
through 25-pin cable can be used, or the board
can be plugged directly into the back of the PC.
Data is first latched into each 'HC165 parallel–
to–serial converter. Then a small state machine
is initiated by strobing INI. It clocks the latched
data into the serial data input and strobes the
LOADH input at the DAC. A pair of banana
jacks is used for applying V
DD from an external
supply. A trimpot–adjustable voltage reference
is tied to all eight DAC inputs. On the evaluation
board, jumpers will allow this reference to drive
any V
IN(X) input or the VREFL pin. The other
three op amps in the quad OP–491 are available
for breadboarding circuits, such as in Figures 1
through 14. If the reference voltage is adjusted
down to 0.5V, the DAC and the board should
function with V
DD as low as 2.5V.
Driving Capacitive Loads
Unlike many other products, the SP9841/9842
will not oscillate under purely capacitive load-
ing. However, fullscale step outputs will show
overshoot and ringing of up to 40% at worst–
case purely capacitive loading (between 1,000
and 10,000pF). Figures 17 through 20 show
near fullscale steps under capacitive loads of
between 470pF and 0.47
µF. For capacitance up
to 10,000pF, the addition of a resistive load to
ground at the op amp output will decrease set-
tling times without adversely affecting the posi-
tive–going slew rate. For higher capacitances,
this settling time enhancement comes at the
expense of positive slew rate, as not all instan-
taneous current can be used to charge the capaci-
tor. For all values of capacitive load, settling
time can be dramatically reduced by adding a
small resistor in series with the DAC outputs.
Such series resistors will degrade the current
sinking ability at the DAC outputs for voltages
near ground; while the DACs typically sink
2mA at V
DD =5V at VOUT = 110mV, the addition
of a 50Ohm resistor would require 210mV after
the resistor to sink 2mA. Large capacitances
require lower values of series resistance in order
to obtain critical damping.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com