Electronic Components Datasheet Search
  English  ▼

X  

SP9842BS Datasheet(PDF) 22 Page - Sipex Corporation

Part # SP9842BS
Description  8-Bit Octal, 2-Quadrant Multiplying, BiCMOS DAC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP9842BS Datasheet(HTML) 22 Page - Sipex Corporation

Back Button SP9842BS Datasheet HTML 18Page - Sipex Corporation SP9842BS Datasheet HTML 19Page - Sipex Corporation SP9842BS Datasheet HTML 20Page - Sipex Corporation SP9842BS Datasheet HTML 21Page - Sipex Corporation SP9842BS Datasheet HTML 22Page - Sipex Corporation SP9842BS Datasheet HTML 23Page - Sipex Corporation SP9842BS Datasheet HTML 24Page - Sipex Corporation SP9842BS Datasheet HTML 25Page - Sipex Corporation SP9842BS Datasheet HTML 26Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
288
through 19 show that for lower output current values
less than 1 mA, the SP9841/9842 can be used effec-
tively even with V
DD in the range of 2.7 to 3.3V.
Application Circuits
Figure 5 shows an inexpensive single–quadrant
DC source for generating voltages from near
ground to near 2.44V. When using a two–termi-
nal reference, the pull–up resistor should be
chosen so that the minimum input resistance of
5kOhms at each V
IN(X) can be driven at the
lowest expected V
DD. At VDD = 4.75V, and VREFL
= 1.25V, each input to be driven needs 0.248mA,
and the regulator needs 0.1mA to stay well
regulated. Thus, to drive all eight inputs, R
PULLUP
should be chosen to supply at least 2mA. To
operate at 4.75V, 1.75kOhms is required; the
1.5kOhms shown will suffice even if its value is
5% high. To drive a single input, a 10kOhm
value could be used. In order to reduce reference
and supply generated noise, an optional capaci-
tor of 1 to 100
µF bypasses the reference.
Figure 6 shows a circuit which generates DC
voltages
roughly
symmetric with respect to
2.446V. Two bandgap references are stacked to
first drive V
REFL to 1.223V, and the input to 2.446V.
The pull–up resistor value should again be scaled
for worst–case loading — in order to drive all eight
inputs at 4.75V, a value of 620 Ohms is required.
At fullscale, the DAC output is near 3.65V. While
typical units will source 5mA at an output voltage
Figure 5. Inexpensive DC Source.
+
–
DC
OUT
1/8 of SP9841
3
+5V
1.22V
DC
OUT
= 20mV to +2.44V for DATA = 00H to FFH.
At PRESET, DC
OUT = +1.22V
RPULLUP
1.5kOhms
ICL8069
45µF*
(*Optional Noise Reduction)
Figure 6. Pseudo Bipolar Source Generates Voltages Above and Below 2.44V.
+
–
DC
OUT
1/8 of SP9841
3
+5V
1.22V
DC
OUT
= +1.22V to +3.66V for DATA = 00H to FFH.
At PRESET, DC
OUT = +2.44V
2kOhm
ICL8069
1.22V
ICL8069
+1.22V
+2.44V
45µF*
(*Optional Noise Reduction)
45µF*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com