Electronic Components Datasheet Search
  English  ▼

X  

SI7980DP Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SI7980DP
Description  Dual N-Channel 20 V (D-S) MOSFET with Schottky Diode
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI7980DP Datasheet(HTML) 2 Page - Vishay Siliconix

  SI7980DP Datasheet HTML 1Page - Vishay Siliconix SI7980DP Datasheet HTML 2Page - Vishay Siliconix SI7980DP Datasheet HTML 3Page - Vishay Siliconix SI7980DP Datasheet HTML 4Page - Vishay Siliconix SI7980DP Datasheet HTML 5Page - Vishay Siliconix SI7980DP Datasheet HTML 6Page - Vishay Siliconix SI7980DP Datasheet HTML 7Page - Vishay Siliconix SI7980DP Datasheet HTML 8Page - Vishay Siliconix SI7980DP Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
Vishay Siliconix
Si7980DP
www.vishay.com
2
Document Number: 68391
S13-0631-Rev. D, 25-Mar-13
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
For technical questions, contact: pmostechsupport@vishay.com
Notes:
a. Surface mounted on 1" x 1" FR4 board.
b. Maximum under steady state conditions is 88 °C/W (channel-1) and 83 °C/W (channel-2).
c. Guaranteed by design, not subject to production testing.
d. Pulse test; pulse width
 300 µs, duty cycle  2 %.
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Channel-1
Channel-2
Unit
Typ.
Max.
Typ.
Max.
Maximum Junction-to-Ambienta, b
t
 10 s
RthJA
32
40
30
36
°C/W
Maximum Junction-to-Case (Drain)
Steady State
RthJC
5
6.3
4.5
5.7
SPECIFICATIONS (TJ = 25 °C, unless otherwise noted)
Parameter
Symbol
Test Conditions
Min.
Typ.c
Max.
Unit
Static
Drain-Source Breakdown Voltage
VDS
VGS = 0 V, ID = 250 µA
Ch-1
20
V
VGS = 0 V, ID = 1 mA
Ch-2
20
VDS Temperature Coefficient
V
DS/TJ
ID = 250 µA
Ch-1
22
mV/°C
VGS(th) Temperature Coefficient
V
GS(th)/TJ
ID = 250 µA
Ch-1
- 5
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 µA
Ch-1
1
2.5
V
VDS = VGS, ID = 1 mA
Ch-2
1.4
2.8
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = ± 16 V
Ch-1
100
nA
VDS = 0 V, VGS = ± 16 V
Ch-2
100
Zero Gate Voltage Drain Current
IDSS
VDS = 20 V, VGS = 0 V
Ch-1
0.001
mA
VDS = 20 V, VGS = 0 V
Ch-2
0.05
0.50
VDS = 20 V, VGS = 0 V, TJ = 100 °C
Ch-1
0.025
VDS = 20 V, VGS = 0 V, TJ = 100 °C
Ch-2
3
15
On-State Drain Currentd
ID(on)
VDS =5 V, VGS = 10 V
Ch-1
10
A
VDS =5 V, VGS = 10 V
Ch-2
10
Drain-Source On-State Resistanced
RDS(on)
VGS = 10 V, ID = 5 A
Ch-1
0.018
0.022
VGS = 10 V, ID = 5 A
Ch-2
0.012
0.015
VGS = 4.5 V, ID = 4 A
Ch-1
0.020
0.025
VGS = 4.5 V, ID = 4 A
Ch-2
0.015
0.019
Forward Transconductanced
gfs
VDS = 15 V, ID = 5 A
Ch-1
40
S
VDS = 15 V, ID = 5 A
Ch-2
47
Dynamicc
Input Capacitance
Ciss
Channel-1
VDS = 10 V, VGS = 0 V, f = 1 MHz
Channel-2
VDS = 10 V, VGS = 0 V, f = 1 MHz
Ch-1
1010
pF
Ch-2
1370
Output Capacitance
Coss
Ch-1
220
Ch-2
320
Reverse Transfer Capacitance
Crss
Ch-1
100
Ch-2
120



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com