Electronic Components Datasheet Search
  English  ▼

X  

SI9113 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # SI9113
Description  High-Voltage Current Mode PWM Controller for ISDN Power Supplies
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI9113 Datasheet(HTML) 4 Page - Vishay Siliconix

  SI9113 Datasheet HTML 1Page - Vishay Siliconix SI9113 Datasheet HTML 2Page - Vishay Siliconix SI9113 Datasheet HTML 3Page - Vishay Siliconix SI9113 Datasheet HTML 4Page - Vishay Siliconix SI9113 Datasheet HTML 5Page - Vishay Siliconix SI9113 Datasheet HTML 6Page - Vishay Siliconix SI9113 Datasheet HTML 7Page - Vishay Siliconix SI9113 Datasheet HTML 8Page - Vishay Siliconix SI9113 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Si9113
Vishay Siliconix
www.vishay.com
4
Document Number: 71093
S-40746—Rev. B. 19-Apr-04
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
10
10
1000
300
2000
100
Output Frequency vs. Oscillator Resistance
100
7
8
9
10
11
12
13
−40
−20
0
20
40
60
80
100
0.0
0.4
0.8
1.2
1.6
2.0
0
50
100
150
200
250
300
8.4
8.5
8.6
8.7
8.8
8.9
9.0
9.1
−50
−25
0
25
50
75
100
14
16
18
20
22
24
9
101112
131415
1.298
1.300
1.302
1.304
1.306
−50
−25
0
25
50
75
100
VCC = 14 V
VCC = 10 V
VREF vs. Temperature (VIN = 48 V)
VUVSTART/VUVSTOP vs. Temperature
Output Frequency vs. Supply Voltage
Temperature (_C)
VCC (V)
FOUT (kHz)
FOSC (kW)
Supply Current vs. Output Frequency
Soft-Start Current vs. Temperature
Temperature (_C)
VCC = 12 V
VCC = 10 V
Temperature (_C)
VCC = 14 V
VCC = 12 V
VCC = 10 V
−40_C
25_C
85_C
ROSC = 1 MW
VCC = 10 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com