Electronic Components Datasheet Search
  English  ▼

X  

MB254 Datasheet(PDF) 1 Page - Wing Shing Computer Components

Part # MB254
Description  SINGLE - PHASE SILICON BRIDGE RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINGS [Wing Shing Computer Components]
Direct Link  http://www.wingshing.com/en
Logo WINGS - Wing Shing Computer Components

MB254 Datasheet(HTML) 1 Page - Wing Shing Computer Components

  MB254 Datasheet HTML 1Page - Wing Shing Computer Components MB254 Datasheet HTML 2Page - Wing Shing Computer Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
UZR
MECHANICAL DATA
✶
Case: Metal, electrically isolated
✶
Epoxy: UL 94V-0 rate flame retardant
✶
Terminals: Plated .25”(6.35mm) Faston luge, solderable per MIL-
STD-202E, Method 208 quaranteed
✶
Polarity: As marked
✶
Mounting position: Any
✶
Weight: 30 grams
FEATURES
✶
Metal case for Maximum Heat Dissipation
✶
Surge overload ratings-400 Amperes
✶
Low forward voltage drop
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 ambient temperature unless otherwise specified. Single phase, half wave, 60Hz, resistive load.
For capacitate load, derate current by 20%
KBPC25005 KBPC2501 KBPC2502 KBPC2504 KBPC2506 KBPC2508 KBPC2510
PA RAME T E R
SY MBOL
MB2505
MB251
MB252
MB254
MB256
MB258
MB2510
UNITS
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
Volts
Maximum RMS Bridge Input Voltage
VRMS
35
70
140
280
420
560
700
Volts
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
Volts
Maximum Average Forward Rectified Current at TC = 55℃
IO
25
Amps
Peak Forward Surge Current 8.3 ms single half sine-wave
Superimposed on rated load (JEDEC Method)
IFSM
400
Amps
Maximum Forward Voltage Drop per element at 12.5A DC
VF
1.1
Volts
@TA = 25℃
10
Maximum DC Reverse Current at
Rated DC Blocking Voltage
@TA = 100℃
IR
500
uAmps
I
2t Rating for Fusing (t < 8.3ms)
I
2t
374
A
2Sec
Typical Junction Capacitance ( Note 1 )
CJ
300
pF
Typical Thermal Resistance ( Note 2 )
RθJc
2.5
℃/W
Operating and Storage Temperature Range
TJ,TSTG
-55 to +150
℃
Notes:
1.Measured at 1 MHz and applied reverse voltage of 4.0 volts
2.Thermal Resistance from Junction to Case per leg.
Wing Shing Computer Components Co., (H.K.)Ltd.
Tel:(852)2341 9276
Fax:(852)2797 8153
Homepage: http://www.wingshing.com
E-mail:
ic@wingshing.com
VOLTAGE RANGE - 50 TO 1000 Volts CURRENT - 25 Amperes
SINGLE-PHASE SILICON
BRIDGE RECTIFIER
MB-25
Dimensions in inches and (millimeters)
KBPC25005-KBPC2510


Similar Part No. - MB254

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
MB254 RECTRON-MB254 Datasheet
27Kb / 2P
SINGLE-PHASE SILICON BRIDGE RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 25 Amperes)
logo
Bytes
MB254 BYTES-MB254 Datasheet
157Kb / 2P
SINGLE PHASE 25 AMP BRIDGE RECTIFIERS
logo
Dc Components
MB254 DCCOM-MB254 Datasheet
390Kb / 2P
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
Formosa MS
MB254 FORMOSA-MB254 Datasheet
41Kb / 2P
SINGLE PHASE 25 AMP BRIDGE RECTIFIERS
logo
Micro Commercial Compon...
MB254 MCC-MB254 Datasheet
83Kb / 2P
25 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
More results

Similar Description - MB254

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
BR605 RECTRON-BR605 Datasheet
22Kb / 2P
SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
Shanghai Lunsure Electr...
KBPC35005 CHENYI-KBPC35005 Datasheet
182Kb / 2P
SINGLE PHASE SILICON BRIDGE RECTIFIER
logo
Rectron Semiconductor
BR1505 RECTRON-BR1505 Datasheet
276Kb / 3P
SINGLE-PHASE SILICON BRIDGE RECTIFIER SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
Shenzhen Luguang Electr...
BR3505 LUGUANG-BR3505 Datasheet
291Kb / 2P
Single-phase Silicon Bridge Rectifier
logo
GeneSiC Semiconductor, ...
BR106 GENESIC-BR106_16 Datasheet
289Kb / 3P
Single Phase Silicon Bridge Rectifier
KBPC25005TW GENESIC-KBPC25005TW_16 Datasheet
338Kb / 3P
Single Phase Silicon Bridge Rectifier
KBU10005 GENESIC-KBU10005_16 Datasheet
297Kb / 3P
Single Phase Silicon Bridge Rectifier
BR86 GENESIC-BR86_18 Datasheet
409Kb / 3P
Single Phase Silicon Bridge Rectifier
KBPC1506T GENESIC-KBPC1506T Datasheet
597Kb / 3P
Single Phase Silicon Bridge Rectifier
KBPC15005T GENESIC-KBPC15005T Datasheet
597Kb / 3P
Single Phase Silicon Bridge Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com