Electronic Components Datasheet Search
  English  ▼

X  

SI9730 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # SI9730
Description  Dual-Cell Lithium Ion Battery Control IC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI9730 Datasheet(HTML) 4 Page - Vishay Siliconix

  SI9730 Datasheet HTML 1Page - Vishay Siliconix SI9730 Datasheet HTML 2Page - Vishay Siliconix SI9730 Datasheet HTML 3Page - Vishay Siliconix SI9730 Datasheet HTML 4Page - Vishay Siliconix SI9730 Datasheet HTML 5Page - Vishay Siliconix SI9730 Datasheet HTML 6Page - Vishay Siliconix SI9730 Datasheet HTML 7Page - Vishay Siliconix SI9730 Datasheet HTML 8Page - Vishay Siliconix SI9730 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
www.vishay.com
4
Document Number: 70658
S-40135-Rev. F, 16-Feb-04
Vishay Siliconix
Si9730
End of Life. Last Available Purchase Date is 31-Dec-2014
TIMING DIAGRAMS
Figure 1. OC Load Detect
tOCC
VSS
VM Waveform
DCO Waveform
200 mV
High
VSS
50 %
50 %
tr
100 nS
Figure 2. Current-Limit Comparator Response Time
Figure 4. DL2 Time (Over-Charge)
Figure 6. Power-Down Charger Detect Threshold
VSS
IS Input
VSS
VDD
DCO Waveform
60 mV
50 %
50 %
tr
100 nS
tILIMIT
VSS
t30
VC2 Waveform
C Waveform
4.0 V
4.4 V
t
DL20C
32
=x
30
t
30
131
VCHPD
VSS
VM Waveform
High
Low
DCO Waveform
VCHPD = VSS - VM at DCO Transition
+
−
Figure 3. Reset Threshold
Figure 5. DL2 Time (Over-Discharge)
Figure 7. Load Detection in Overcharge Mode
VSS
VRTH
VDD
VM Waveform
(After Short is
Removed)
VDD
VSS
DCO Waveform
VRTH = VM - VSS at DCO Transition
VSS
t30
VC2 Waveform
C Waveform
2.0 V
2.6 V
t
DL20DC
32
=x
30
t
30
131
VSS
VM Waveform
^VRTH
DCO Waveform
VSS
VDD
tpw



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com