Electronic Components Datasheet Search
  English  ▼

X  

P30H2415CS Datasheet(PDF) 2 Page - HY-LINE Power Components

Part # P30H2415CS
Description  30 W DC-DC Converter P30HxxxxCx-Series
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HY-LINE [HY-LINE Power Components]
Direct Link  https://www.hy-line-group.com
Logo HY-LINE - HY-LINE Power Components

P30H2415CS Datasheet(HTML) 2 Page - HY-LINE Power Components

  P30H2415CS Datasheet HTML 1Page - HY-LINE Power Components P30H2415CS Datasheet HTML 2Page - HY-LINE Power Components P30H2415CS Datasheet HTML 3Page - HY-LINE Power Components P30H2415CS Datasheet HTML 4Page - HY-LINE Power Components P30H2415CS Datasheet HTML 5Page - HY-LINE Power Components P30H2415CS Datasheet HTML 6Page - HY-LINE Power Components P30H2415CS Datasheet HTML 7Page - HY-LINE Power Components P30H2415CS Datasheet HTML 8Page - HY-LINE Power Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
30 W DC-DC Converter P30HxxxxCx-Series
Deutschland:
Schweiz:
Inselkammerstraße 10
Hochstrasse 355
D-82008 Unterhaching
CH-8200 Schaffhausen
Tel.: 089 614 503-10
Tel.: 052 647 42 00
E-Mail: power@hy-line.de
E-Mail: power@hy-line.ch
Odering information
Output power
Series
designation
Input voltage
range
Output voltage
Revision
Output configuration
Case option
P
PHI-CON 30
30 W
H
24
9…36 V
3R3
3.3 V
C
S
single output
blank
standard
48
36…75 V 05
5 V
D
± dual output
K
heatsink
12
12 V
15
15 V
Notes:
1.
Maximum capacitive load is tested at input voltage range and full load.
2.
All specifications measured at Ta 25 °C, humidity < 75 %, nominal input voltage and rated output load unless otherwise
specified.
3.
Specifications of this product are subject to changes without prior notice.
4.
It is not recommended to increase the output power capability by connecting two or more converters in parallel.
5.
The converters are not hot swappable.
Figure 1
Input reflected ripple current measure circuit
The input reflected ripple current is measured with inductor Lin and capacitor Cin to simulate source impedance.
Figure 2a
Output ripple & noise parallel strip line measurement method
Single output
Page 2 of 8
1 µF 10 µF +
RL
+Vin
0V
+Vout
DC
DC
GND
25.4
12.7
50.8
Dimensions in mm
Copper Foil
MLCC
RF-Probe head
+Vin
Load
0V
GND
+Vout
4.7 µH
DC
DC
Measure point
220 µF +
ESR <1 Ω
@ 100 kHz



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com