Electronic Components Datasheet Search
  English  ▼

X  

SI9976 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # SI9976
Description  N-Channel Half-Bridge Driver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI9976 Datasheet(HTML) 4 Page - Vishay Siliconix

  SI9976 Datasheet HTML 1Page - Vishay Siliconix SI9976 Datasheet HTML 2Page - Vishay Siliconix SI9976 Datasheet HTML 3Page - Vishay Siliconix SI9976 Datasheet HTML 4Page - Vishay Siliconix SI9976 Datasheet HTML 5Page - Vishay Siliconix SI9976 Datasheet HTML 6Page - Vishay Siliconix SI9976 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
NC
NC
CAP
SOIC-14
S1
V+
G1
VDD
NC
IN
EN
VCC
GND
G2
FAULT
Top View
11
12
13
14
2
3
4
1
8
9
10
5
6
7
Si9976
Vishay Siliconix
www.vishay.com
4
Document Number: 70016
S-40757—Rev. F, 19-Apr-04
PIN CONFIGURATION AND ORDERING INFORMATION
ORDERING INFORMATION
Part Number
Temperature Range
Package
Si9976DY
Si9976DY-T1
−40 to 85_C
SOIC-14
Si9976DY-T1—E3
PIN DESCRIPTION
Pin 1
No connection.
Pin 2: CAP
Connection for the positive terminal of the bootstrap capacitor
CBOOT. A 0.01-mF CBOOT capacitor can be used for most
applications.
Pin 3: V+
This is the only external power supply required for the Si9976,
and must be the same supply used to power the half-bridge it
is driving. The Si9976 powers it’s low-voltage logic, low-side
gate driver, and bootstrap/charge pump circuits from
self-contained voltage regulators which require only a
bootstrap capacitor on the CAP pin and a bypass capacitor on
the VDD pin.
No voltage sensing circuitry monitors V+ directly; however, the
low-voltage, internally generated VDD supply and the
bootstrap voltage (which are derived from V+) are directly
protected by undervoltage monitors.
Pin 4: VDD
Connection to the internally generated low-voltage supply
which must be bypassed to ground with a 0.01-mF capacitor.
Pin 5: IN
Logic input. A low level input turns off the high-side half-bridge
MOSFET and, after an internally set dead time, turns the
low-side half-bridge MOSFET on. A high input level has the
opposite effect. The input is compatible with 5-, 12- or 15-V
logic outputs.
Pin 6: EN
Enable input. A low EN input level prevents turn on of either
half-bridge MOSFET. If the Si9976 is internally disabled as a
result of an output short-circuit condition, a low-to-high
transition on EN is required to clear the fault and resume
operation. The input logic levels are the same as IN.
Pin 7: VCC
If the FAULT output is used, the VCC pin must be connected to
the logic supply voltage in order to set the high level of the
FAULT output. If the FAULT output is not used, this pin may be
left open with no effect on internal fault sensing or protection
circuitry.
Pin 8: FAULT
The Fault output is latched high when a short-circuit output
condition is detected. FAULT will return low when the circuit is
reset using the EN pin. The FAULT output also indicates the
status of the undervoltage sense circuit on VDD, however the
fault condition is cleared automatically when the undervoltage
condition clears.
Pin 9: G2
This pin drives the gate of the external low-side power
transistor.
Pin 10: GND
The ground return for V+, logic reference, and connection for
source of external low-side power transistor.
Pin 11
No connection.
Pin 12: G1
This pin drives the gate of the external high side power
transistor.
Pin 13: S1
Connection for the source of the external high-side power
transistor, the drain of the external low-side power transistor,
the negative terminal of the bootstrap capacitor, and the
system load. The voltage on this pin is sensed by the circuitry
that monitors the load for shorts.
Pin 14
No connection.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com