Electronic Components Datasheet Search
  English  ▼

X  

SI9979 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # SI9979
Description  3-Phase Brushless DC Motor Controller
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI9979 Datasheet(HTML) 4 Page - Vishay Siliconix

  SI9979 Datasheet HTML 1Page - Vishay Siliconix SI9979 Datasheet HTML 2Page - Vishay Siliconix SI9979 Datasheet HTML 3Page - Vishay Siliconix SI9979 Datasheet HTML 4Page - Vishay Siliconix SI9979 Datasheet HTML 5Page - Vishay Siliconix SI9979 Datasheet HTML 6Page - Vishay Siliconix SI9979 Datasheet HTML 7Page - Vishay Siliconix SI9979 Datasheet HTML 8Page - Vishay Siliconix SI9979 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
60/120
EN
F/R
QS
PWM
INB
INC
GND
CAPA
SA
GBC
GTA
GBA
CAPB
SB
GTB
GBB
CAPC
BRK
SC
TACH
GTC
FAULT
SQFP-48
1
2
3
4
5
6
7
8
9
10
11
12
46 45 44 43 42 41 40 39 38 37
15 16 17 18 19 20 21 22 23 24
36
35
34
33
32
31
30
29
28
27
26
Top View
48 47
13 14
25
INA
Si9979
Vishay Siliconix
www.vishay.com
4
Document Number: 70012
S-41209—Rev. E, 21-Jun-04
PIN CONFIGURATION AND ORDERING INFORMATION
ORDERING INFORMATION
Standard
Part Number
Lead (Pb)-Free
Part Number
Temperature
Range
Package
Si9979CS
Si9979CS—E3
0 to 70_C
SQFP-48
Si9979DS
Si9979DS—E3
−40 to 85_C
SQFP-48
NOTE: Si9979CS and Si9979DS are supplied in trays.
PIN DESCRIPTION
Pins 1−3: INA, INB, INC
INA, INB, and INC are the commutation sensor inputs, and are
intended to be driven by open collector Hall effect switches.
These inputs have internal pull up resistors tied to VDD, which
eliminates the need for external pull up resistors.
Pin 4: 60/120
The 60/120 input allows the use of the Si9979 with either a 60_
or 120_ commutation sensor spacing. An internal pull up
resistor, which is tied to VDD, sets the default condition to 60_
spacing. 120_ spacing is selected by pulling this input to
ground.
Pin 5: EN (Enable)
A logic “1” on this input allows commutation of the motor. This
is the default condition as this pin is pulled up internally. When
this pin is pulled to ground, all gate drive outputs are turned off.
Pin 6: F/R (Forward/Reverse)
A logic “1” on this input selects commutation for motor rotation
in the “forward” direction. This is the default condition as this
pin is pulled up internally. When this pin is pulled to ground, the
commutation sensor logic levels are inverted internally,
causing reverse rotation.
Pin 7: QS (Quadrature Select)
This input determines whether the bottom MOSFETs or both
bottom and top MOSFETs switch in response to the PWM
signal. A logic “1” on this input enables only the bottom
MOSFETs. This is the default condition as this pin is pulled up
internally. When this pin is pulled to ground, both the bottom
and top MOSFETs are enabled.
Pin 8: PWM
An open collector (drain) or TTL compatible signal is applied
to this input to control the motor speed. The QS input
determines which MOSFETs are switched in response to the
PWM signal. If no PWM signal is being used, this input is left
open. It is pulled up internally, which allows the MOSFETs to
follow the commutation sequence.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com