Electronic Components Datasheet Search
  English  ▼

X  

KTC815 Datasheet(PDF) 2 Page - KEC(Korea Electronics)

Part # KTC815
Description  LOW FREQUENCY AMPLIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KTC815 Datasheet(HTML) 2 Page - KEC(Korea Electronics)

  KTC815 Datasheet HTML 1Page - KEC(Korea Electronics) KTC815 Datasheet HTML 2Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2003. 3. 5
2/2
KTC815
Revision No : 0
I
- VCE
CE
COLLECTOR-EMITTER VOLTAGE V
(V)
0
5
0
I
- V
C
BE
BE
BASE EMITTER VOLTAGE V
(V)
0
COLLECTOR CURRENT I (mA)
C
C
FE
h
- I
10
20
30
40
50
60
70
80
90
100
I =50µA
B
I =100µA
B
I =150µA
B
I =200µA
B
I =250µA
B
I =300µA
B
I =350µA
B
0.1
V
=1V
CE
C
10
15
20
25
30
35
40
COLLECTOR CURRENT I (mA)
C
V
, V
- I
CE(sat)
C
0.01
0.05
0.03
0.3
0.1
0.5
1
3
I =10I
CB
VBE(sat)
VCE(sat)
0.2
0.4
0.6
0.8
1.2
1.0
1
1
3
5
10
30
3
5
10
30
50
10
30
10
350
5
1
100
500
300
30
50
100
300
500
1K
V =1V
CE
100
1
3
10
30
300
1
10
100
I =0
f=1MHz
E
BE(sat)
COLLECTOR BASE VOLTAGE V
(V)
CB
ob
C
- VCB
500
AMBIENT TEMPERATURE Ta ( C)
300
400
200
100
0
025
125
50
75
100
175
150
700
600
Pc - Ta



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com