Electronic Components Datasheet Search
  English  ▼

X  

SVM-SC Datasheet(PDF) 2 Page - ETA-USA

Part # SVM-SC
Description  15W Isolated Power Supply
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETA-USA [ETA-USA]
Direct Link  https://www.eta-usa.com/
Logo ETA-USA - ETA-USA

SVM-SC Datasheet(HTML) 2 Page - ETA-USA

  SVM-SC Datasheet HTML 1Page - ETA-USA SVM-SC Datasheet HTML 2Page - ETA-USA SVM-SC Datasheet HTML 3Page - ETA-USA  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ETA-USA
16170 Vineyard Blvd. Suite 180 Morgan Hill, CA 95037 http://www.eta-usa.com
Toll-free (US only): 800-ETA-POWR (800-382-7697) Telephone: 408 778-2793 FAX: 408-779-2753
The Power Professionals
ETA-USA
INPUT
Unit
Unit
MODEL/CHANNEL
MODEL/CHANNEL
Unit
MODEL/CHANNEL
Unit
MODEL/CHANNEL
-
-
-
-
Dimension
Environment
g
Weight
Operating Temperature
Operating Humidity
Storage Temperature
Withstand Voltage
Vibration
℃
%
Storage Humidity
%
℃
%
Primary-Secondary
Isolation Resistance
Shock
Cooling
%
Efficiency
Vdc
Vdc
Input Voltage 12V
H
Ref. MTBF
DC12V
DC9.2-16V
%
Efficiency
%
kHz
Switching Frequency
Efficiency
SVM12-
SC12
SVM05-
SC12
SVM15-
SC12
SVM24-
SC12
SVM48-
SC12
SVM12-
SC24
SVM05-
SC24
SVM15-
SC24
SVM24-
SC24
SVM48-
SC24
SVM12-
SC48
SVM05-
SC48
SVM15-
SC48
SVM24-
SC48
SVM48-
SC48
88
87
85
84
81
90 Fix
0 to +50°C
85%RH(non-condensing)
-20 to +85°C
85%RH(non-condensing)
5-10Hz:10mm double amplitude,10-55Hz:19.6m/s^2,
20 minutes period for 60 minutes each along X,Y,Z axes(non-operating)
294m/s^2
Convection
78
80
81
83
83
79
86
85
83
81
Vdc
Vdc
Input Voltage 24V
H
Ref. MTBF
DC24V
DC19-32V
H
Ref. MTBF
Input Voltage Range
Input Voltage Range
Input Voltage Range
Vdc
Vdc
Input Voltage 48V
DC48V
DC38-63V
120g
750,000
750,000
Primary-Secondary-Frame Ground 50MΩ(minimum) by DC500V insulation tester
660,000
Primary-Secondary AC2,000V for 1 minute
Primary-Frame Ground AC2,000V for 1 minute
Secondary-Frame Ground AC500V for 1 minute



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com