Electronic Components Datasheet Search
  English  ▼

X  

MDT2005IB Datasheet(PDF) 5 Page - Micon Design Technology Corporation

Part # MDT2005IB
Description  8-bit micro-controller
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MDTIC [Micon Design Technology Corporation]
Direct Link  http://www.mdtic.com.tw
Logo MDTIC - Micon Design Technology Corporation

MDT2005IB Datasheet(HTML) 5 Page - Micon Design Technology Corporation

  MDT2005IB Datasheet HTML 1Page - Micon Design Technology Corporation MDT2005IB Datasheet HTML 2Page - Micon Design Technology Corporation MDT2005IB Datasheet HTML 3Page - Micon Design Technology Corporation MDT2005IB Datasheet HTML 4Page - Micon Design Technology Corporation MDT2005IB Datasheet HTML 5Page - Micon Design Technology Corporation MDT2005IB Datasheet HTML 6Page - Micon Design Technology Corporation MDT2005IB Datasheet HTML 7Page - Micon Design Technology Corporation MDT2005IB Datasheet HTML 8Page - Micon Design Technology Corporation MDT2005IB Datasheet HTML 9Page - Micon Design Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
MDT2005(IB)
This specification are subject to be changed without notice. Any latest information please preview
http;//www.mdtic.com.tw
P. 4
2005/6 VER1.3
(9) CPIO A, CPIO B (Control Port I/O Mode Register)
The CPIO register is “write-only”
=“0”, I/O pin in output mode;
=“1”, I/O pin in input mode.
(10) EPROM Option by writer programming :
Oscillator Type
Oscillator Start-up Time
RC
Oscillator
150
µs,20ms,40ms,80ms
HFXT Oscillator
20 ms,40ms,80ms
XTAL Oscillator
20ms,40 ms,80ms
LFXT Oscillator
40 ms,80 ms
Watchdog Timer control
Watchdog timer disable all the time
Watchdog timer enable all the time
Power Edge Detect
Security bit
PED
Disable
Security weak Disable
PED
Enable
Security Disable
Security Enable
The default EPROM security is weak disable. Once the IC was set in enable or disable, it’s
forbidden to set in disable or enable again.
(B) Program Memory
Address
Description
000-1FF
Program memory for MDT2005
1FF
The starting address of the power on, external reset
or WDT for MDT2005



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com