Electronic Components Datasheet Search
  English  ▼

X  

MSK4200E Datasheet(PDF) 2 Page - M.S. Kennedy Corporation

Part # MSK4200E
Description  75 VOLT 5 AMP MOSFET H-BRIDGE PWM MOTOR DRIVER/AMPLIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK4200E Datasheet(HTML) 2 Page - M.S. Kennedy Corporation

  MSK4200E Datasheet HTML 1Page - M.S. Kennedy Corporation MSK4200E Datasheet HTML 2Page - M.S. Kennedy Corporation MSK4200E Datasheet HTML 3Page - M.S. Kennedy Corporation MSK4200E Datasheet HTML 4Page - M.S. Kennedy Corporation MSK4200E Datasheet HTML 5Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
ID=5A
IS=5A
V+=70V
V+=70V
V+=70V
VCC=12V
VCC=12V
@ 50% Duty Cycle Output
OUTPUT CHARACTERISTICS
VDS(ON) Voltage (Each MOSFET)
Instantaneous Forward Voltage, Each MOSFET
(Intrinsic Diode)
Reverse Recovery Time (Intrinsic Diode)
Leakage Current, Each MOSFET
PWM Frequency
Vcc SUPPLY CHARACTERISTICS
Quiescent Bias Current
INPUT SIGNALS CHARACTERISTICS
Analog Input Voltage
Analog Input Voltage
Analog Input Voltage
SWITCHING CHARACTERISTICS
Rise-Time
Fall-Time
Dead-Time
75V
16V
5A
37A
GND-2V min. To V+ max.
2.3°C/W
High Voltage Supply
Logic Supply
Continuous Output Current
Peak Output Current
Output Voltage Range
Thermal Resistance @ 125°C
(Output Switches)
1
2
3
1
2
3
-
1
2
3
4
1
2
3
-
-
-
-
-
-
ABSOLUTE MAXIMUM RATINGS
V+
VCC
IOUT
IPK
VOUT
θJC
-65°C to +150°C
300°C
-40°C to +85°C
-55°C to +125°C
+175°C
MSK 4200B/E
MSK 4200
Parameter
Test Conditions
ELECTRICAL SPECIFICATIONS
Units
Min.
-
-
-
-
-
-
-
-
-
-
40
-
-
-
-
-
-
-
-
-
Typ.
1.5
-
-
1.0
-
-
-
1.0
-
-
45
15
-
-
6
8
4
36
170
100
Max.
2.16
-
-
2.2
-
-
240
30
-
-
50
20
-
-
-
-
-
-
-
-
Min.
-
-
-
-
-
-
-
-
-
-
40
-
-
-
-
-
-
-
-
-
1
2
3
4
5
NOTES:
Max.
1.8
2.4
1.2
2.1
2.0
2.2
240
25
250
25
50
20
20
20
-
-
-
54
255
-
Typ.
1.5
2.2
1.1
1.0
0.9
1.1
-
1.0
2.0
0.5
45
15
15
15
6
8
4
36
170
100
30
30
30
30
30
V
V
V
V
V
V
nS
uA
uA
uA
KHz
mA
mA
mA
V
V
V
nS
nS
nS
Storage Temperature Range
Lead Temperature Range
(10 Seconds)
Case Operating Temperature
MSK4200
MSK4200B/E
Junction Temperature
TST
TLD
TC
TJ
1
1
Group A
Subgroup
5
3
2
Guaranteed by design but not tested. Typical parameters are representative of actual device performance but are for reference only.
Industrial grade and "E" suffix devices shall be tested to subgroups 1 and 4 unless otherwise specified.
Military grade devices ("B" suffix) shall be 100% tested to subgroups 1,2,3 and 4.
Subgroups 5 and 6 testing available upon request.
Subgroup 1,4
TA=TC= +25°C
2
TA=TC= +125°C
3
TA=TC= -55°C
All Ratings: Tc= +25°C Unless Otherwise Specified
1
2
Rev. B 7/02
VCC=12V, Motor A,B=50% Duty Cycle
VCC=12V, Motor A=100% Duty Cycle High
VCC=12V, Motor B=100% Duty Cycle High
V+=28V, VCC=12V, IC=2A



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com