Electronic Components Datasheet Search
  English  ▼

X  

2201799 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 2201799
Description  Component housing
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2201799 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  2201799 Datasheet HTML 1Page - PHOENIX CONTACT 2201799 Datasheet HTML 2Page - PHOENIX CONTACT 2201799 Datasheet HTML 3Page - PHOENIX CONTACT 2201799 Datasheet HTML 4Page - PHOENIX CONTACT 2201799 Datasheet HTML 5Page - PHOENIX CONTACT 2201799 Datasheet HTML 6Page - PHOENIX CONTACT 2201799 Datasheet HTML 7Page - PHOENIX CONTACT 2201799 Datasheet HTML 8Page - PHOENIX CONTACT 2201799 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
© PHOENIX CONTACT 2015-11-27
105787_en_02
ME-IO 18,8...
Data sheet
1
Description
The housings of the ME-IO 18,8... product range consist of
a 18.8 mm wide lower housing part with space for the PCB
assembly.
The lower housing part can be combined with various hous-
ing covers. The lower housing part is subdivided into 9 units
(1 Unit = 11 mm). These units can be combined with con-
nectors and housing covers in various ways.
The connectors correspond to a unit and have a push-in
connection. There are 4-pos. connectors for conductor
cross sections of up to 2.5 mm
2
, and 6-pos. connectors for
conductor cross sections of up to 1.5 mm
2
. Partially assem-
bled or TWIN variants are also available. All in all, the 4-pos.
connectors allow for a maximum of 36 positions in a single
housing. The 6-pos. connectors even allow for up to 54 po-
sitions. As a counter-part to the connectors, there are head-
ers in 2 or 3 unit versions for soldering onto the PCB.
The housing covers in 2 to 7 unit versions are especially
suited for installing connection systems such as USB or
D-SUB as well as display and operating elements. We
would be glad to install the required openings for you.
The housings can be snapped onto an NS 35 DIN rail.
It is possible to use the housings with a DIN rail connector
by means of which communication can be established be-
tween the housings, or the supply voltage can be transmit-
ted.
The 3D housing data can be found at phoenixcontact.net/products.
Make sure you always use the latest documentation.
It can be downloaded at phoenixcontact.net/products.
This data sheet is valid for all products listed on page 5.
Component housing


Similar Part No. - 2201799

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2201799 PHOENIX-2201799 Datasheet
65Kb / 3P
Item is from the ME-IO product range
More results

Similar Description - 2201799

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
16110 ETC2-16110 Datasheet
274Kb / 17P
LCD Component
logo
Pomona Electronics
4656 POMONA-4656 Datasheet
21Kb / 1P
Component Housing Five BNC Females
logo
PHOENIX CONTACT
2896998 PHOENIX-2896998 Datasheet
49Kb / 1P
Component housing, color: orange
2202316 PHOENIX-2202316 Datasheet
56Kb / 2P
Component housing - HS LC-H-D2/ R2XC1-2,54
2914754 PHOENIX-2914754 Datasheet
44Kb / 2P
Component housing, Color: blue, Width: 17.5 mm
102981 PHOENIX-102981 Datasheet
937Kb / 45P
Installation component housing of the BCseries
logo
WAGO Kontakttechnik Gmb...
2042-321 WAGO-2042-321 Datasheet
265Kb / 6P
Empty component plug housing; 4-pole; transparent housing; with fiber optics
25.11.2021
2042-331 WAGO-2042-331 Datasheet
291Kb / 6P
Empty component plug housing; 6-pole; transparent housing; with fiber optics
24.11.2021
2042-341 WAGO-2042-341 Datasheet
270Kb / 6P
Empty component plug housing; 8-pole; transparent housing; with fiber optics
24.11.2021
2042-351 WAGO-2042-351 Datasheet
279Kb / 6P
Empty component plug housing; 10-pole; transparent housing; with fiber optics
24.11.2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com