Electronic Components Datasheet Search
  English  ▼

X  

DG3536 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # DG3536
Description  0.25 Ω Low-Voltage Dual SPDT Analog Switch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG3536 Datasheet(HTML) 4 Page - Vishay Siliconix

  DG3536 Datasheet HTML 1Page - Vishay Siliconix DG3536 Datasheet HTML 2Page - Vishay Siliconix DG3536 Datasheet HTML 3Page - Vishay Siliconix DG3536 Datasheet HTML 4Page - Vishay Siliconix DG3536 Datasheet HTML 5Page - Vishay Siliconix DG3536 Datasheet HTML 6Page - Vishay Siliconix DG3536 Datasheet HTML 7Page - Vishay Siliconix DG3536 Datasheet HTML 8Page - Vishay Siliconix DG3536 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
www.vishay.com
4
Document Number: 72961
S11-0303-Rev. G, 28-Feb-11
Vishay Siliconix
DG3535, DG3536
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Product is End of Life
TYPICAL CHARACTERISTICS (25 °C, unless otherwise noted)
RON vs. VCOM and Supply Voltage
Supply Current vs. Temperature
Leakage Current vs. Temperature
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
VCOM - Analog Voltage (V)
T = 25 °C
IS = 100 mA
V+ = 1.8 V
V+ = 2 V
V+ = 2.7 V
V+ = 3 V
V+ = 3.3 V
- 60
- 40
- 20
0
20
40
60
80
100
10
10 000
100 000
Temperature (°C)
100
1000
V+ = 3 V
VIN = 0 V
- 60
- 40
- 20
0
20
40
60
80
100
1
10 000
Temperature (°C)
V+ = 3 V
100
1000
ICOM(off)
INO(off), INC(off)
10
ICOM(on)
RON vs. Analog Voltage and Temperature (NC1)
Supply Current vs. Input Switching Frequency
Leakage vs. Analog Voltage
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.0
0.5
1.0
1.5
2.0
2.5
3.0
VCOM - Analog Voltage (V)
V+ = 3 V
IS = 100 mA
85 °C
25 °C
- 40 °C
10
10K
100K
10M
100
1K
1M
100 mA
10 mA
1 mA
100
μA
10
μA
1
μA
100 nA
1 nA
Input Switching Frequency (Hz)
V+ = 3 V
10 nA
- 300
- 250
- 200
- 150
- 100
- 50
0
50
100
150
200
250
300
0.0
0.5
1.0
1.5
2.0
2.5
3.0
VCOM - Analog Voltage (V)
V+ = 3 V
ICOM(on)
ICOM(off)
INO(off), INC(off)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com