Electronic Components Datasheet Search
  English  ▼

X  

DG4157 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # DG4157
Description  Low Voltage, 1 Ω Single SPDT Analog Switch (1:2 Multiplexer) with Power Down Protection
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG4157 Datasheet(HTML) 4 Page - Vishay Siliconix

  DG4157 Datasheet HTML 1Page - Vishay Siliconix DG4157 Datasheet HTML 2Page - Vishay Siliconix DG4157 Datasheet HTML 3Page - Vishay Siliconix DG4157 Datasheet HTML 4Page - Vishay Siliconix DG4157 Datasheet HTML 5Page - Vishay Siliconix DG4157 Datasheet HTML 6Page - Vishay Siliconix DG4157 Datasheet HTML 7Page - Vishay Siliconix DG4157 Datasheet HTML 8Page - Vishay Siliconix DG4157 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
DG4157
www.vishay.com
Vishay Siliconix
S15-1745-Rev. G, 27-Jul-15
4
Document Number: 68800
For technical questions, contact: analogswitchtechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL CHARACTERISTICS (TA = 25 °C, unless otherwise noted)
RON vs. VA and Supply Voltage
Supply Current vs. Temperature
Leakage vs. Analog Voltage
RON vs. VA and Supply Voltage
RON vs. VD and Temperature
Leakage Current vs. Temperature
VA - Analog Voltage (V)
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
0
0.5
1.0
1.5
2.0
2.5
IB = 5 mA
V+ = 1.65 V
V+ = 2.35 V, IB = 10 mA
V+ = 2.0 V
V+ = 1.8 V
0.01
0.1
1
10
- 40
- 20
0
20
40
60
80
Temperature (°C)
V+ = 5.5 V
- 700
- 500
- 300
- 100
100
300
500
700
012345
VA - Analog Voltage (V)
V+ = 5.5 V
IA(OFF)
IB0(OFF)
IA(ON)
VA - Analog Voltage (V)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
3.0
0
0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5 6.0
IB = 100 mA
V+ = 3.0 V
V+ = 2.7 V
V+ = 3.3 V
V+ = 3.6 V
V+ = 4.5 V
V+ = 5.5 V
VA - Analog Voltage (V)
0
0.5
1.0
1.5
2.0
2.5
0
0.5
1.0
1.5
2.0
2.5
3.0
+ 85 °C
V+ = 2.7 V
+ 25 °C
- 40 °C
1
10
100
1000
10 000
- 40
- 20
0
20
40
60
80
100
Temperature (°C)
V+ = 5.5 V
IA(OFF)
IA(ON)
IB0(OFF)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com