Electronic Components Datasheet Search
  English  ▼

X  

MSK4203ES Datasheet(PDF) 2 Page - M.S. Kennedy Corporation

Part # MSK4203ES
Description  75 VOLT 10 AMP H-BRIDGE PWM MOTOR DRIVER/AMPLIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK4203ES Datasheet(HTML) 2 Page - M.S. Kennedy Corporation

  MSK4203ES Datasheet HTML 1Page - M.S. Kennedy Corporation MSK4203ES Datasheet HTML 2Page - M.S. Kennedy Corporation MSK4203ES Datasheet HTML 3Page - M.S. Kennedy Corporation MSK4203ES Datasheet HTML 4Page - M.S. Kennedy Corporation MSK4203ES Datasheet HTML 5Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Rev. A 10/02
1
2
3
4
5
6
NOTES:
VCC=12V, V+=28V, RSENSE A,B=Ground, DIS=OV, HEN=NC unless otherwise specified.
Guaranteed by design but not tested. Typical parameters are representative of actual device performance but are for reference only.
Devices shall be 100% tested to subgroups 1,2,3 and 4. Subgroup 5 and 6 testing available upon request.
Subgroup 1,4,7
TA=TC= +25°C
2,5
TA=TC= +125°C
3,6
TA=TC= -55°C
Industrial grade and "E" suffix devices shall be 100% tested at 25°C only.
The internal on resistance is for the die only. This should be used for thermal calculations only.
ELECTRICAL SPECIFICATIONS
22
2
OUTPUT CHARACTERISTICS
VDS (ON) Voltage (Each Mosfet)
Instantaneous Forward Voltage
(Each Intrinsic Diode)
RDS (ON) (Each Mosfet)
Leakage Current, Each Mosfet
PWM Frequency
VCC SUPPLY CHARACTERISTICS
Quiescent Current
+5V Output
OUTPUT DUTY CYCLE
Analog Input Current
SWITCHING CHARACTERISTICS
Rise Time
Fall Time
Dead Time
LOGIC CONTROL INPUTS
DIS Input
HEN Input
Group A
1
2
3
1
2
3
-
1
2
3
4,5,6
1,2,3
1,2,3
1,2,3
4,5,6
7
7
-
4
4
4
1,2,3
1,2,3
1,2,3
1,2,3
1,2,3
1,2,3
Min.
-
-
-
-
-
-
-
-
-
-
40
-
4.85
4.8
40
-
-
-
-
-
-
-
2.7
-
-
2.7
-
Max.
1.2
-
-
2.0
-
-
0.13
100
-
-
50
50
5.15
5.2
60
-
-
5
TBD
TBD
TBD
0.8
-
150
0.8
-
300
Typ.
0.5
-
-
1.1
-
-
0.07
25
-
-
45
25
5.0
5.0
50
-
-
-
TBD
TBD
TBD
-
-
-
-
-
-
Units
V
V
V
V
V
V
Ω
µA
µA
µA
KHz
mA
V
V
%
P/F
P/F
µAmp
µSec
µSec
µSec
V
V
µAmp
V
V
µAmp
MSK4203H/E
MSK4203
Parameter
Max.
1.0
2.0
1.0
1.8
1.9
1.8
0.13
50
500
50
50
45
5.1
5.15
60
-
-
5
TBD
TBD
TBD
0.8
-
150
0.8
-
300
Test Conditions 1
ID=10A
IS=10A
ID=10A TC=125°C
V+=75V
VIN=6V
IOUT=0mA
IOUT=100mA
VIN=6V (Both Outputs)
VIN=9.5V
AOUT=100% Duty Cycle
BOUT=0% Duty Cycle
VIN=2.5V
AOUT=0% Duty Cycle
BOUT=100% Duty Cycle
RL=1KΩ
VDIS=LOW
VDIS=HIGH
Input Current (High or Low)
VHEN=LOW
VHEN=HIGH
Input Current (High or Low)
Min.
-
-
-
-
-
-
-
-
-
-
40
-
4.9
4.85
40
-
-
-
-
-
-
-
2.7
-
-
2.7
-
Typ.
0.5
1.0
0.2
1.1
1.2
1.0
0.07
25
100
25
45
25
5.0
5.0
50
-
-
-
TBD
TBD
TBD
-
-
-
-
-
-
2 6
3 5
5
Subgroup
4
2
2
2



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com