| Electronic Components Datasheet Search |
|
AD4030-24BBCZ Datasheet(PDF) 2 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD4030-24BBCZ Datasheet(HTML) 2 Page - Analog Devices |
|
2 / 48 page ![]() Data Sheet AD4030-24 TABLE OF CONTENTS analog.com Rev. 0 | 2 of 48 Features................................................................ 1 Applications........................................................... 1 Functional Block Diagram......................................1 General Description...............................................1 Specifications........................................................ 3 Timing Specifications......................................... 5 Absolute Maximum Ratings................................. 11 Thermal Resistance..........................................11 Electrostatic Discharge (ESD) Ratings.............11 ESD Caution.....................................................11 Pin Configuration and Function Descriptions...... 12 Typical Performance Characteristics................... 14 Terminology......................................................... 18 Integral Nonlinearity Error (INL)....................... 18 Differential Nonlinearity Error (DNL).................18 Zero Error (ZE)................................................. 18 Gain Error (GE)................................................ 18 Spurious-Free Dynamic Range (SFDR)...........18 Effective Number of Bits (ENOB)..................... 18 Total Harmonic Distortion (THD)...................... 18 Dynamic Range (DR)....................................... 18 Signal-to-Noise Ratio (SNR)............................ 18 Signal-to-Noise-and-Distortion (SINAD) Ratio............................................................... 18 Aperture Delay................................................. 18 Transient Response......................................... 18 Common-Mode Rejection Ratio (CMRR)......... 18 Power Supply Rejection Ratio (PSRR)............ 18 Theory of Operation.............................................19 Overview.......................................................... 19 Converter Operation.........................................19 Transfer Function............................................. 20 Analog Features...............................................20 Digital Sample Processing Features................ 20 Applications Information...................................... 23 Typical Application Diagrams........................... 23 Analog Front-End Design.................................23 Reference Circuitry Design ............................. 23 Device Reset....................................................25 Power Supplies................................................ 25 Serial Interface.................................................... 27 SPI Signals.......................................................27 Sample Conversion Timing and Data Transfer.......................................................... 29 Clocking Modes ...............................................30 Data Clocking Requirements and Timing.........33 Layout Guidelines................................................37 Registers............................................................. 38 Register Details................................................... 39 Interface Configuration A Register................... 39 Interface Configuration B Register................... 39 Device Configuration Register..........................40 Chip Type Register...........................................40 Product ID Low Register.................................. 40 Product ID High Register..................................40 Chip Grade Register.........................................41 Scratch Pad Register....................................... 41 SPI Revision Register...................................... 41 Vendor ID Low Register................................... 42 Vendor ID High Register...................................42 Stream Mode Register..................................... 42 Interface Status A Register.............................. 42 EXIT Configuration Mode Register...................43 Averaging Mode Register.................................43 Offset Registers................................................43 Gain Registers..................................................44 Modes Register................................................ 45 Internal Oscillator Register............................... 45 Output Driver Register......................................46 Test Pattern Registers...................................... 46 Digital Diagnostics Register............................. 47 Digital Errors Register...................................... 47 Outline Dimensions............................................. 48 Ordering Guide.................................................48 Evaluation Boards............................................ 48 REVISION HISTORY 4/2022—Revision 0: Initial Version |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |