Electronic Components Datasheet Search
  English  ▼

X  

AD9361 Datasheet(PDF) 32 Page - Analog Devices

Part # AD9361
Description  RF Agile Transceiver
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9361 Datasheet(HTML) 32 Page - Analog Devices

Back Button AD9361 Datasheet HTML 28Page - Analog Devices AD9361 Datasheet HTML 29Page - Analog Devices AD9361 Datasheet HTML 30Page - Analog Devices AD9361 Datasheet HTML 31Page - Analog Devices AD9361 Datasheet HTML 32Page - Analog Devices AD9361 Datasheet HTML 33Page - Analog Devices AD9361 Datasheet HTML 34Page - Analog Devices AD9361 Datasheet HTML 35Page - Analog Devices AD9361 Datasheet HTML 36Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 32 / 36 page
background image
AD9361
Data Sheet
Rev. F | Page 32 of 36
Figure 71. TX Third-Order Output Intercept Point (OIP3) vs.
TX Attenuation Setting, fLO_TX = 5.8 GHz
Figure 72. TX Signal-to-Noise Ratio (SNR) vs. TX Attenuation Setting,
WiMAX 40 MHz Signal of Interest with Noise Measured at 90 MHz Offset,
fLO_TX = 5.745 GHz
Figure 73. TX Single Sideband (SSB) Rejection vs. Frequency, 7 MHz Offset
–4
0
4
8
12
16
20
0
4
8
12
16
20
TX ATTENUATION SETTING (dB)
–40°C
+25°C
+85°C
142
143
144
145
146
147
148
149
150
0
3
6
9
12
15
TX ATTENUATION SETTING (dB)
–40°C
+25°C
+85°C
–70
–65
–60
–55
–50
–45
–40
–35
–30
5.0
5.1
5.2
5.3
5.4
5.5
5.6
5.7
5.8
5.9
6.0
FREQUENCY (GHz)
ATT 0, –40°C
ATT 25, –40°C
ATT 50, –40°C
ATT 0, +25°C
ATT 25, +25°C
ATT 50, +25°C
ATT 0, +85°C
ATT 25, +85°C
ATT 50, +85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com