Electronic Components Datasheet Search
  English  ▼

X  

MSK4253 Datasheet(PDF) 1 Page - M.S. Kennedy Corporation

Part # MSK4253
Description  5 AMP, 55V, H-BRIDGE MOSFET BRUSHED MOTOR CONTROLLER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK4253 Datasheet(HTML) 1 Page - M.S. Kennedy Corporation

  MSK4253 Datasheet HTML 1Page - M.S. Kennedy Corporation MSK4253 Datasheet HTML 2Page - M.S. Kennedy Corporation MSK4253 Datasheet HTML 3Page - M.S. Kennedy Corporation MSK4253 Datasheet HTML 4Page - M.S. Kennedy Corporation MSK4253 Datasheet HTML 5Page - M.S. Kennedy Corporation MSK4253 Datasheet HTML 6Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
4707 Dey Road Liverpool, N.Y. 13088
(315) 701-6751
M.S.KENNEDY CORP.
ISO 9001 CERTIFIED BY DSCC
4253
5 AMP, 55V, H-BRIDGE
MOSFET BRUSHED
MOTOR CONTROLLER
FEATURES:
55 Volt Motor Supply Voltage
5 Amp Output Switch Capability
100% Duty Cycle High Side Conduction Capable
Shoot-Through/Cross Conduction Protection
"Real" Four Quadrant Torque Control Capability
Good Accuracy Around the Null Torque Point
MIL-PRF-38534 CERTIFIED
DESCRIPTION:
The MSK 4253 is a complete H-bridge MOSFET Brushed Motor Control System in an electrically isolated hermetic
package. The hybrid is capable of 5 amps of output current and 55 volts of DC bus voltage. It has the normal features for
protecting the bridge. Included is all the bridge drive circuitry, and all the current sensing and analog circuitry necessary for
closed loop current mode (torque) control. When PWM'ing, the transistors are modulated in locked anti-phase mode for the
tightest control and the most bandwidth. Provisions for applying different compensation schemes are included. The MSK
4253 has good thermal conductivity of the MOSFET's due to isolated substrate/package design that allows direct heat
sinking of the hybrid without insulators.
EQUIVALENT SCHEMATIC
TYPICAL APPLICATIONS
Brushed DC Motor Control
Servo Control
Fin Actuator Control
Voice Coil Control
Gimbal Control
AZ-EL Control
1
PRELIMINARY
Rev. - 2/05


Similar Part No. - MSK4253

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
MSK4253 ANAREN-MSK4253 Datasheet
161Kb / 6P
5 AMP, 55V, H-BRIDGE MOSFET BRUSHED MOTOR CONTROLLER
MSK4253H ANAREN-MSK4253H Datasheet
161Kb / 6P
5 AMP, 55V, H-BRIDGE MOSFET BRUSHED MOTOR CONTROLLER
logo
M.S. Kennedy Corporatio...
MSK4253 MSK-MSK4253_15 Datasheet
161Kb / 6P
55 Volt Motor Supply Voltage
More results

Similar Description - MSK4253

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
MSK4250 MSK-MSK4250 Datasheet
321Kb / 6P
10 AMP, 75V, H-BRIDGE MOSFET BRUSHED MOTOR CONTROLLER
MSK4364 MSK-MSK4364 Datasheet
312Kb / 7P
5 AMP, 55V, 3 PHASE MOSFET BRUSHLESS MOTOR CONTROLLER
MSK4360 MSK-MSK4360 Datasheet
294Kb / 7P
10 AMP, 55V, 3 PHASE MOSFET BRUSHLESS MOTOR CONTROLLER
MSK4251S MSK-MSK4251S Datasheet
268Kb / 6P
10 AMP, 75V, H-BRIDGE MOSFET BRUSHED MOTOR CONTROLLER
MSK4252 MSK-MSK4252 Datasheet
301Kb / 6P
30 AMP, 75V, H-BRIDGE MOSFET BRUSHED MOTOR CONTROLLER
logo
Anaren Microwave
MSK4250 ANAREN-MSK4250 Datasheet
136Kb / 6P
10 AMP, 75V, H-BRIDGE MOSFET BRUSHED MOTOR CONTROLLER
MSK4251 ANAREN-MSK4251 Datasheet
137Kb / 6P
10 AMP, 75V, H-BRIDGE MOSFET BRUSHED MOTOR CONTROLLER
MSK4252 ANAREN-MSK4252 Datasheet
151Kb / 6P
30 AMP, 75V, H-BRIDGE MOSFET BRUSHED MOTOR CONTROLLER
MSK4253 ANAREN-MSK4253 Datasheet
161Kb / 6P
5 AMP, 55V, H-BRIDGE MOSFET BRUSHED MOTOR CONTROLLER
MSK4364 ANAREN-MSK4364 Datasheet
193Kb / 7P
5 AMP, 55V, 3 PHASE MOSFET BRUSHLESS MOTOR CONTROLLER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com