Electronic Components Datasheet Search
  English  ▼

X  

ADA4097-2 Datasheet(PDF) 21 Page - Analog Devices

Part # ADA4097-2
Description  50 V, 130 kHz, 32.5 關A per Channel, Robust, Over-The-Top, Precision Op Amps
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4097-2 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADA4097-2 Datasheet HTML 17Page - Analog Devices ADA4097-2 Datasheet HTML 18Page - Analog Devices ADA4097-2 Datasheet HTML 19Page - Analog Devices ADA4097-2 Datasheet HTML 20Page - Analog Devices ADA4097-2 Datasheet HTML 21Page - Analog Devices ADA4097-2 Datasheet HTML 22Page - Analog Devices ADA4097-2 Datasheet HTML 23Page - Analog Devices ADA4097-2 Datasheet HTML 24Page - Analog Devices ADA4097-2 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
Data Sheet
ADA4097-1/ADA4097-2
THEORY OF OPERATION
analog.com
Rev. A | 21 of 31
INPUT PROTECTION
The inputs are protected against temporary voltage excursions
to 15 V below –VS (see Figure 56) by internal 880 Ω resistors
(see Figure 55). These resistors limit the current in the series
D1 diode and D2 diode that are tied to the bases of the Q1
and Q2 transistors, respectively. Adding additional external series
resistance extends the protection to >15 V below −VS, at the
cost of stability and added thermal noise. The input stage of the
ADA4097-1/ADA4097-2 incorporates phase reversal protection to
prevent the output from phase reversing for inputs below −VS. The
ADA4097-1/ADA4097-2 op amp does not have clamping diodes
between the inputs and can be differentially over-driven up to 80 V
without damage, inducing parametric shifts, or drawing appreciable
input current. Figure 57 summarizes the input fault types that can
be applied to the ADA4097-1/ADA4097-2 without compromising
input integrity.
Figure 56. ADA4097-1/ADA4097-2 as Unity-Gain Buffer with Noninverting
Input Driven Beyond the Supply (VSY = 5 V)
Figure 57. ADA4097-1/ADA4097-2 Fault Tolerant Conditions
OVER-THE-TOP OPERATION
CONSIDERATIONS
When the ADA4097-1/ADA4097-2 input common-modes are biased
near or >+VS supply, the amplifiers operate in the Over-The-Top
configuration. The differential input pair that controls amplifier oper-
ation is the common base pair, Q3 to Q6 (see Figure 55).
Input bias currents change from <±0.3 nA in normal operation to
approximately 0.8 μA in Over-The-Top operation when the input
stage transitions from common emitter to common base. The Over-
The-Top input bias currents are well matched, and the associated
offset is typically <50 nA. Ensure that the impedance connected to
the inverting and noninverting inputs is well matched to avoid any
input bias current induced voltage offsets.
Differential input impedance, RIN (see Figure 58), decreases from
>10 MΩ in normal operation to ~60 kΩ in Over-The-Top operation
(see Table 1 and Table 2).
Figure 58. Difference Amplifier Configured for Normal Operation and Over-
The-Top Operation (RI Is a Gain Setting Resistor)
This RIN resistance appears across the summing nodes in Over-
The-Top operation due to the configuration of the common base
input stage.
The RIN value is derived from the specified IB that flows to the op
amp inputs, as expressed in the following equation:
RIN = 2kT/(qIB)
where:
k is Boltzmann constant.
T is the operating temperature.
q is the charge of an electron.
IB is the operating input bias current in Over-The-Top operation.
The inputs are biased proportional to absolute temperature. There-
fore, RIN is relatively constant with temperature. This resistance
appears across the summing nodes of the amplifier, which is forced
to 0 V differentially by the feedback action of the amplifier and
can seem relatively harmless. However, depending on the configu-
ration, this input resistance can boost the noise gain, lower overall
amplifier loop gain and closed-loop bandwidth, and raise output
noise. The singular benefit of this configuration is an increase in
closed-loop amplifier stability.
In normal mode (−VS < VCM < +VS −1 V), RIN is typically large
compared to the value of the gain setting resistors (RF and RI), and
RIN can be ignored.
In this case, the noise gain is defined by the following equation:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com