Electronic Components Datasheet Search
  English  ▼

X  

ADPA1106 Datasheet(PDF) 5 Page - Analog Devices

Part # ADPA1106
Description  46 dBm (40 W), 2.7 GHz to 3.5 GHz, GaN Power Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPA1106 Datasheet(HTML) 5 Page - Analog Devices

  ADPA1106 Datasheet HTML 1Page - Analog Devices ADPA1106 Datasheet HTML 2Page - Analog Devices ADPA1106 Datasheet HTML 3Page - Analog Devices ADPA1106 Datasheet HTML 4Page - Analog Devices ADPA1106 Datasheet HTML 5Page - Analog Devices ADPA1106 Datasheet HTML 6Page - Analog Devices ADPA1106 Datasheet HTML 7Page - Analog Devices ADPA1106 Datasheet HTML 8Page - Analog Devices ADPA1106 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
Data Sheet
ADPA1106
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
analog.com
Rev. 0 | 5 of 19
Figure 2. Pin Configuration
Table 6. Pin Function Descriptions
Pin No.
Mnemonic
Description
1, 3, 8, 9, 16, 17, 22, 24,
25, 32
GND
Ground. The GND pins must be connected to RF and dc ground. See Figure 6 for the interface schematic.
2
VREF
Reference Diode for Temperature Compensation of VDET RF Output Power Measurements. The VREF voltage (VREF) requires
the application of a dc bias voltage through an external series resistor.
4, 5, 7, 12, 13, 14, 18,
20, 21, 23, 26, 27, 29, 30
NIC
Not Internally Connected. The NIC pins are not internally connected. However, all data shown is measured with the NIC pins
connected to RF and dc ground externally.
6
RFIN
RF Input. The RFIN pin is ac-coupled and is matched to 50 Ω. See Figure 3 for the interface schematic.
10
VGG1
Gate Control, First Stage Gate Bias. See Figure 3 for the interface schematic.
11
VGG2
Gate Control, Second Stage Gate Bias. See Figure 4 for the interface schematic.
15
VDET
Detector Diode to Measure RF POUT. POUT detection via the VDET voltage (VDET) requires the application of a dc bias voltage
through an external series resistor. The VDET pin is used in combination with the VREF pin, and the difference in voltage (VREF −
VDET) is a temperature compensated dc voltage that is proportional to the RF POUT.
19
RFOUT
RF Output. The RFOUT pin is ac-coupled and is matched to 50 Ω. See Figure 4 for the interface schematic.
28
VDD2
Amplifier Power Supply Voltage, Second Stage Drain Bias. See Figure 4 for the interface schematic.
31
VDD1
Amplifier Power Supply Voltage, First Stage Drain Bias. See Figure 3 for the interface schematic.
EPAD
Exposed Pad. The exposed pad must be connected to RF and dc ground.
INTERFACE SCHEMATICS
Figure 3. RFIN, VGG1, and VDD1 Interface Schematic
Figure 4. RFOUT, VGG2, VDD2, and VDET Interface Schematic
Figure 5. VREF Interface Schematic
Figure 6. GND Interface Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com