Electronic Components Datasheet Search
  English  ▼

X  

ADPA7008AEHZ Datasheet(PDF) 4 Page - Analog Devices

Part # ADPA7008AEHZ
Description  20 GHz to 54 GHz, GaAs, pHEMT, MMIC, 31 dBm (1 W) Power Amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPA7008AEHZ Datasheet(HTML) 4 Page - Analog Devices

  ADPA7008AEHZ Datasheet HTML 1Page - Analog Devices ADPA7008AEHZ Datasheet HTML 2Page - Analog Devices ADPA7008AEHZ Datasheet HTML 3Page - Analog Devices ADPA7008AEHZ Datasheet HTML 4Page - Analog Devices ADPA7008AEHZ Datasheet HTML 5Page - Analog Devices ADPA7008AEHZ Datasheet HTML 6Page - Analog Devices ADPA7008AEHZ Datasheet HTML 7Page - Analog Devices ADPA7008AEHZ Datasheet HTML 8Page - Analog Devices ADPA7008AEHZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
Data Sheet
ADPA7008
SPECIFICATIONS
analog.com
Rev. 0 | 4 of 28
40 GHZ TO 50 GHZ FREQUENCY RANGE
TA = 25°C, VDD = 5 V, IDQ = 1500 mA, and 50 Ω matched input and output, unless otherwise noted. Adjust VGG1 from −1.5 V to −0.4 V to
achieve IDQ = 1500 mA typical.
Table 3.
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
FREQUENCY RANGE
40
50
GHz
GAIN
16
dB
Gain Flatness
±1.1
dB
Gain Variation Over Temperature
0.039
dB/°C
NOISE FIGURE
7
dB
RETURN LOSS
Input
15
dB
Output
13
dB
OUTPUT
Output Power for 1 dB Compression
P1dB
27.5
dBm
Saturated Output Power
PSAT
29
dBm
Output Third-Order Intercept
IP3
36
dBm
POUT per tone = 14 dBm with 1 MHz tone spacing
POWER ADDED EFFICIENCY
PAE
7
%
Measured at PSAT
SUPPLY
Quiescent Current
IDQ
1500
mA
Adjust VGG1, from −1.5 V up to −0.4 V to achieve the desired IDQ,
VGGx = −0.63 V typical to achieve IDQ= 1500 mA
Voltage
VDD
4
5
V
50 GHZ TO 54 GHZ FREQUENCY RANGE
TA = 25°C, VDD = 5 V, IDQ = 1500 mA, and 50 Ω matched input and output, unless otherwise noted. Adjust VGG1 from −1.5 V to −0.4 V to
achieve IDQ = 1500 mA typical.
Table 4.
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
FREQUENCY RANGE
50
54
GHz
GAIN
15.5
dB
Gain Flatness
±1.0
dB
Gain Variation Over Temperature
0.049
dB/°C
RETURN LOSS
Input
10
dB
Output
9
dB
OUTPUT
Output Power for 1 dB Compression
P1dB
24.5
dBm
Saturated Output Power
PSAT
27
dBm
Output Third-Order Intercept
IP3
35
dBm
POUT per tone = 14 dBm with 1 MHz tone spacing
POWER ADDED EFFICIENCY
PAE
4
%
Measured at PSAT
SUPPLY
Quiescent Current
IDQ
1500
mA
Adjust VGG1, from −1.5 V up to −0.4 V to achieve the desired IDQ,
VGGx = −0.63 V typical to achieve IDQ = 1500 mA
Voltage
VDD
4
5
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com