Electronic Components Datasheet Search
  English  ▼

X  

TPRBCEIP Datasheet(PDF) 2 Page - Schneider Electric

Part # TPRBCEIP
Description  Bus coupler, TeSys island, Ethernet switch (EtherNet IP / Modbus TCP)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

TPRBCEIP Datasheet(HTML) 2 Page - Schneider Electric

  TPRBCEIP Datasheet HTML 1Page - Schneider Electric TPRBCEIP Datasheet HTML 2Page - Schneider Electric TPRBCEIP Datasheet HTML 3Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Complementary
Cybersecurity
Achilles certified
Standards
EN/IEC 60947-4-1
CSA C22.2 No 61010-2-201
UL 61010-2-201
EN/IEC 61010-2-201
Product certifications
UL
CSA
EAC
Achilles level 2
Mounting mode
Horizontal and vertical 35 mm symmetrical rail)
Connections - terminals
Power supply removable spring terminal block 2 0.00 in² (2.5 mm²) AWG 14)rigid or flexible
Width
1.97 in (50 mm)
Height
4.65 in (118 mm)
Depth
4.49 in (114 mm)
Net Weight
0.45 lb(US) (0.204 kg)
Environment
Ambient air temperature for
storage
-13…158 °F (-25…70 °C)
Ambient Air Temperature for
Operation
14…140 °F (-10…60 °C)
Relative Humidity
5…95 %
Operating altitude
0...6561.68 ft (0...2000 m) without derating
IP degree of protection
IP20
Pollution degree
2
Protective treatment
TC
Fire resistance
1760 °F (960 °C) UL 94
Shock resistance
15 gn 11 ms) IEC 60068-2-27
Vibration resistance
1.5 mm peak to peak 3…13 Hz) IEC 60068-2-6
1 gn 13…200 Hz) IEC 60068-2-6
Electromagnetic compatibility
Electrostatic discharge, level 3 8 kV air, 6 kV contact)EN/IEC 61000-4-2)
Radiated RF fields, level 3 10 V/m)EN/IEC 61000-4-3)
Fast transients immunity test, level 3 1 kV)EN/IEC 61000-4-4)
Fast transients immunity test, level 3 2 kV)EN/IEC 61000-4-4)
Surge immunity test, level 3 1 kV)EN/IEC 61000-4-5)
Surge immunity test, level 3 2 kV)EN/IEC 61000-4-5)
Ordering and shipping details
Category
22353-TESYS ISLAND AUXILIARY DEVICES
Discount Schedule
I12
GTIN
3606489832704
Nbr. of units in pkg.
1
Package weight(Lbs)
10.05 oz (285.0 g)
Returnability
Yes
Country of origin
ID
Packing Units
Unit Type of Package 1
PCE
Package 1 Height
2.56 in (6.5 cm)
2
May 9, 2022



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com