Electronic Components Datasheet Search
  English  ▼

X  

TPRPM009 Datasheet(PDF) 2 Page - Schneider Electric

Part # TPRPM009
Description  Power interface module, TeSys island, 15A AC-1, 9A AC-3, 4kW / 5hp
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

TPRPM009 Datasheet(HTML) 2 Page - Schneider Electric

  TPRPM009 Datasheet HTML 1Page - Schneider Electric TPRPM009 Datasheet HTML 2Page - Schneider Electric TPRPM009 Datasheet HTML 3Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Reset
Remotely or automatically
[Uc] control circuit voltage
24 V DC supplied by the bus coupler
Current consumption
60 mA
Power dissipation in W
0.6 W at Ie
Complementary
Protection type
Thermal overload protection
Motor overheat
Overcurrent
Undercurrent
Jam
Long start
Stall
Rapid cycle lockout
Phase loss
Rapid restart lockout
Phase reversal
Phase unbalance
Phase sequence
Ground current
Monitoring type
Time device ON
Number of faults
Number of device power cycles
Average current Iavg
Average voltage Vavg
Max current Imax
Max voltage Vmax
Local signalling
for DS (device status) 1 LED (green/red)
for LS (load status) 1 LED (green/red)
Standards
EN/IEC 60947-1
EN/IEC 60947-4-1
UL 60947-4-1
CSA C22.2 No 60947-4-1
Product certifications
CCC
CSA
EAC
UL
Mounting mode
Horizontal and vertical 35 mm symmetrical DIN rail)
Connections - terminals
screw-clamp terminals 1 0.00…0.01 in² (1…4 mm²) AWG 16...AWG 12)rigid
screw-clamp terminals 2 0.00…0.01 in² (1…4 mm²) AWG 16...AWG 12)rigid
screw-clamp terminals 1 0.00…0.01 in² (1.5…4 mm²) AWG 16...AWG 12)flexible without cable end
screw-clamp terminals 2 0.00…0.01 in² (1.5…4 mm²) AWG 16...AWG 12)flexible without cable end
screw-clamp terminals 1 0.00…0.01 in² (1…4 mm²) AWG 16...AWG 12)flexible with cable end
screw-clamp terminals 2 0.00…0.00 in² (1…2.5 mm²) AWG 16...AWG 14)flexible with cable end
Tightening torque
15.05 lbf.in (1.7 N.m) flat Ø 6 mm
15.05 lbf.in (1.7 N.m) Philips No 2
Width
1.77 in (45 mm)
Height
4.76 in (121 mm)
Depth
4.53 in (115 mm)
Net Weight
0.56 lb(US) (0.255 kg)
Environment
Ambient air temperature for
storage
-13…158 °F (-25…70 °C)
Ambient air temperature for
operation
14…122 °F (-10…50 °C) without derating
122…140 °F (50…60 °C) with current derating
Relative Humidity
5…95 %
Operating altitude
0...6561.68 ft (0...2000 m) without derating
IP degree of protection
IP20
Pollution degree
2
Protective treatment
TC
Fire resistance
1760 °F (960 °C) UL 94
1562 °F (850 °C) IEC 60695-2-1
2
May 9, 2022



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com