Electronic Components Datasheet Search
  English  ▼

X  

TPRST025 Datasheet(PDF) 1 Page - Schneider Electric

Part # TPRST025
Description  Direct online starter, TeSys island, 30A AC-1, 25A AC-3, 11kW / 15hp
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

TPRST025 Datasheet(HTML) 1 Page - Schneider Electric

  TPRST025 Datasheet HTML 1Page - Schneider Electric TPRST025 Datasheet HTML 2Page - Schneider Electric TPRST025 Datasheet HTML 3Page - Schneider Electric TPRST025 Datasheet HTML 4Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Product data sheet
Specifications
Direct online starter, TeSys island,
30A AC-1, 25A AC-3, 11kW / 15hp
TPRST025
Product availability : Stock - Normally stocked in distribution
facility
Price* : 285.00 USD
Main
Range
TeSys
Product name
TeSys island
Device short name
TPRST
Product or Component Type
Motor starter
Motor starter type
Direct on line
Device presentation
Direct starter connected to an automation controller through a bus coupler
Operational only when connected to a bus coupler
Function Available
Upstream voltage presence detection
Electrical line and load protection
Power and energy monitoring when connected with TPRVM voltage module
Product compatibility
TPRBC bus coupler
TPRVM voltage interface module
Poles description
3P 3 NO
Utilisation category
AC-1
AC-2
AC-3
AC-4
Motor power kW
5.5 kW 230 V 50 Hz AC-3)
11 kW 380...415 V 50 Hz AC-3)
11 kW 440 V 50 Hz AC-3)
15 kW 500 V 50 Hz AC-3)
15 kW 690 V 50 Hz AC-3)
Motor power HP (UL / CSA)
2 hp 120 V at AC 60 Hz for 1 phase
3 hp 240 V at AC 60 Hz for 1 phase
7.5 hp 208 V at AC 60 Hz for 3 phase
7.5 hp 240 V at AC 60 Hz for 3 phase
15 hp 480 V at AC 60 Hz for 3 phase
20 hp 600 V at AC 60 Hz for 3 phase
[Ue] rated operational voltage
<= 480 V AC 47...63 Hz
<= 690 V AC 47...63 Hz
[Ie] rated operational current
25 A 122 °F (50 °C)) <= 440 V AC-3
30 A 122 °F (50 °C)) <= 440 V AC-1
[Ith] conventional free air
thermal current
30 A 122 °F (50 °C)
[Ui] rated insulation voltage
690 V IEC 60947-4-1
600 V UL 60947-4-1
600 V CSA C22.2 No 60947-4-1
[Uimp] rated impulse withstand
voltage
6 kV IEC 60947-1
Overvoltage category
III
II
*  Price is “List Price” and may be subject to a trade discount – check with your local distributor or retailer for actual price.
May 9, 2022
1


Similar Part No. - TPRST025

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
TPRST009 SCHNEIDER-TPRST009 Datasheet
126Kb / 4P
Direct online starter, TeSys island, 15A AC-1, 9A AC-3, 4kW / 5hp
May 9, 2022
TPRST038 SCHNEIDER-TPRST038 Datasheet
119Kb / 4P
Direct online starter, TeSys island, 40A AC-1, 38A AC-3, 18.5kW / 20hp
May 9, 2022
TPRST065 SCHNEIDER-TPRST065 Datasheet
122Kb / 4P
Direct online starter, TeSys island, 80A AC-1, 65A AC-3, 30kW / 40hp
May 9, 2022
TPRST080 SCHNEIDER-TPRST080 Datasheet
122Kb / 4P
Direct online starter, TeSys island, 80A AC-1, 66A AC-3, 37kW / 40hp
May 9, 2022
More results

Similar Description - TPRST025

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
TPRPM080 SCHNEIDER-TPRPM080 Datasheet
126Kb / 3P
Power interface module, TeSys island, 80A AC-1, 80A AC-3, 37kW / 50hp
May 9, 2022
TPRSS009 SCHNEIDER-TPRSS009 Datasheet
127Kb / 4P
Direct online SIL starter, TeSys island, 15A AC-1, 9A AC-3, 4kW / 5hp
May 9, 2022
TPRSS025 SCHNEIDER-TPRSS025 Datasheet
126Kb / 4P
Direct online SIL starter, TeSys island, 30A AC-1, 25A AC-3, 11kW / 15hp
May 9, 2022
TPRSS038 SCHNEIDER-TPRSS038 Datasheet
125Kb / 4P
Direct online SIL starter, TeSys island, 40A AC-1, 38A AC-3, 18.5kW / 20hp
May 9, 2022
TPRSS065 SCHNEIDER-TPRSS065 Datasheet
123Kb / 4P
Direct online SIL starter, TeSys island, 80A AC-1, 65A AC-3, 30kW / 40hp
May 9, 2022
TPRSS080 SCHNEIDER-TPRSS080 Datasheet
123Kb / 4P
Direct online SIL starter, TeSys island, 80A AC-1, 66A AC-3, 37kW / 40hp
May 9, 2022
TPRST009 SCHNEIDER-TPRST009 Datasheet
126Kb / 4P
Direct online starter, TeSys island, 15A AC-1, 9A AC-3, 4kW / 5hp
May 9, 2022
TPRST038 SCHNEIDER-TPRST038 Datasheet
119Kb / 4P
Direct online starter, TeSys island, 40A AC-1, 38A AC-3, 18.5kW / 20hp
May 9, 2022
TPRST065 SCHNEIDER-TPRST065 Datasheet
122Kb / 4P
Direct online starter, TeSys island, 80A AC-1, 65A AC-3, 30kW / 40hp
May 9, 2022
TPRST080 SCHNEIDER-TPRST080 Datasheet
122Kb / 4P
Direct online starter, TeSys island, 80A AC-1, 66A AC-3, 37kW / 40hp
May 9, 2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com