Electronic Components Datasheet Search
  English  ▼

X  

TPRST065 Datasheet(PDF) 2 Page - Schneider Electric

Part # TPRST065
Description  Direct online starter, TeSys island, 80A AC-1, 65A AC-3, 30kW / 40hp
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

TPRST065 Datasheet(HTML) 2 Page - Schneider Electric

  TPRST065 Datasheet HTML 1Page - Schneider Electric TPRST065 Datasheet HTML 2Page - Schneider Electric TPRST065 Datasheet HTML 3Page - Schneider Electric TPRST065 Datasheet HTML 4Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Thermal protection adjustment
range
3.35…65 A
Thermal overload class
Class 5…30
Reset
Remotely or automatically
Irms rated making capacity
1000 A 440 V IEC 60947
Rated breaking capacity
1000 A 440 V IEC 60947
[Icw] rated short-time withstand
current
900 A 104 °F (40 °C) - 1 s
520 A 104 °F (40 °C) - 10 s
260 A 104 °F (40 °C) - 1 min
110 A 104 °F (40 °C) - 10 min
Average impedance
1.5 mOhm - Ith 80 A 50 Hz
Power dissipation per pole
6.3 W AC-3 - Ith 65 A
9.6 W AC-1 - Ith 80 A
[Uc] control circuit voltage
24 V DC supplied by the bus coupler
Current consumption
80 mA contactor sealed
500 mA contactor closing
Power dissipation in W
20.8 W at Ie
Complementary
Mechanical durability
6 Mcycles
Electrical durability
1.4 Mcycles 65 A AC-3 440 V
0.5 Mcycles 80 A AC-1 440 V
Maximum operating rate
3600 cyc/mn AC-3
Operating time
< 80 ms closing
< 80 ms opening
Safety performance level
B10d = 1369863 cycles contactor with nominal load EN/ISO 13849-1
B10d = 20000000 cycles contactor with mechanical load EN/ISO 13849-1
Protection type
Thermal overload protection
Motor overheat
Overcurrent
Undercurrent
Jam
Long start
Stall
Rapid cycle lockout
Phase sequence
Rapid restart lockout
Phase reversal
Phase loss
Phase unbalance
Ground current
Monitoring type
Time device ON
Time device switch ON
Number of faults
Number of switching cycles
Number of device power cycles
Average current Iavg
Average voltage Vavg
Max current Imax
Max voltage Vmax
Active and reactive power with voltage module
Active and reactive energy with voltage module
True power factor with voltage module
Local signalling
for DS (device status) 1 LED (green/red)
for LS (load status) 1 LED (green/red)
Standards
EN/IEC 60947-1
EN/IEC 60947-4-1
UL 60947-4-1
CSA C22.2 No 60947-4-1
Product certifications
CSA
UL
EAC
CCC
Mounting mode
Horizontal and vertical 35 mm symmetrical DIN rail)
Connections - terminals
EverLink BTR screw connectors 1 0.00…0.05 in² (1…35 mm²) AWG 16...AWG 2)rigid
EverLink BTR screw connectors 2 0.00…0.04 in² (1…25 mm²) AWG 16...AWG 4)rigid
2
May 9, 2022



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com