Electronic Components Datasheet Search
  English  ▼

X  

MSK450BQ Datasheet(PDF) 2 Page - M.S. Kennedy Corporation

Part # MSK450BQ
Description  DUAL ULTRA HIGH SPEED AMPLIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK450BQ Datasheet(HTML) 2 Page - M.S. Kennedy Corporation

  MSK450BQ Datasheet HTML 1Page - M.S. Kennedy Corporation MSK450BQ Datasheet HTML 2Page - M.S. Kennedy Corporation MSK450BQ Datasheet HTML 3Page - M.S. Kennedy Corporation MSK450BQ Datasheet HTML 4Page - M.S. Kennedy Corporation MSK450BQ Datasheet HTML 5Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
STATIC
Supply Voltage Range
Quiescent Current
INPUT
Input Offset Voltage
Input Offset Drift
Input Offset Voltage
Input Bias Current
Input Resistance
Input Capacitance
Input Voltage Range
Input Voltage Noise
Input Current Noise
OUTPUT
Output Voltage Swing
Output Current
Settling Time
Full Power Bandwidth
Bandwidth (Small Signal)
Harmonic Distortion
Output Resistance
TRANSFER CHARACTERISTICS
Slew Rate
Open Loop Transresistance
Transcapacitance
Differential Phase Error
Differential Gain Error
Supply Voltage
Common Mode Input Voltage
Differential Input Voltage
Inverting Input Current (Continuous)
Output Short Circuit Duration
Case Operating Temperature Range
(MSK 450B/E)
-55°C to+125°C
(MSK 450)
-40°C to +85°C
Thermal Resistance
10°C/W
Junction to Case
Storage Temperature Range
-65°C to +150°C
Lead Temperature
300°C
(10 Seconds)
Power Dissipation
1.5W
Junction Temperature
175°C
Group A
Subgroup
-
1
2,3
1
2,3
-
1
2,3
-
-
-
-
-
-
4
4
4
4
4
4
-
-
4
4
-
-
-
V
mA
mA
µV
µV/°C
µV/V
nA
nA
Ω
MΩ
pF
V
nV√Hz
pA√Hz
V
mA
nS
nS
MHz
MHz
%
Ω
V/µS
MΩ
pF
Degree
%
VIN=0V
Each Amplifier
VIN=0V
VIN=0V
vs. VCC
VCM=0V
Either Input
-Input
+Input
Either Input
Common Mode
F ≥ 1KHz
F=1KHz
RL=500Ω F ≤ 10MHz
Continuous
0.1% 10V step
1.0% 10V step
VO=±10V
Input=OdBm
VIN=2VRMS
Open Loop
VOUT=±10V
VOUT=±10V
F=4.4MHz
F=4.4MHz
±18V
±VCC
6V
5mA
Indefinite
±VCC
VIC
VIND
IIN
IOS
TC
Parameter
RTH
TST
TLD
PD
TJ
ELECTRICAL SPECIFICATIONS
ABSOLUTE MAXIMUM RATINGS
Test Conditions
MSK 450B/E
Min.
±4.5
-
-
-
-
-
-
-
7
-
±10
-
-
±10
±50
-
-
15
50
-
-
1200
2.3
-
-
-
Typ.
±15
±6.5
±8.5
±50
±1.0
4
±250
±1800
50
10
2
-
2.0
12.0
±11
±80
100
50
20
65
0.005
12
2000
3.0
4.5
±0.1
0.03
Max.
±18
±8
±10
±325
±7.5
20
±500
±2800
65
-
-
-
2.5
15.0
-
-
125
65
-
-
-
-
-
-
-
-
-
Typ.
±15
±6.5
-
±50
±1.0
4
±250
-
50
10
2
-
2.0
12.0
±11
±80
100
50
20
65
0.005
12
2000
3.0
4.5
±0.1
0.03
MSK 450
Min.
±4.5
-
-
-
-
-
-
-
7
-
±10
-
-
±10
±50
-
-
15
45
-
-
1200
2.0
-
-
-
Max.
±18
±10
-
±500
-
20
±550
-
65
-
-
-
2.5
15.0
-
-
125
65
-
-
-
-
-
-
-
-
-
Units
Rev. A 6/02
2
±Vcc=15VDC Unless Otherwise Specified
2
NOTES:
AV= -1, measured in false summing junction circuit.
Guaranteed by design but not tested. Typical parameters are representative of actual device performance but are for reference only.
Industrial grade and "E" suffix devices shall be tested to subgroups 1 and 4 unless otherwise specified.
Military grade devices ("B" suffix) shall be 100% tested to subgroups 1,2,3 and 4.
Subgroups 5 and 6 testing available upon request.
Subgroup 1,4
Subgroup 2,5
Subgroup 3,6
Electrical specifications are derated for power supply voltages other than ±15VDC.
TA=TC=+25°C
TA=TC=+125°C
TA=TC=-55°C
1
5
6
3
4
2
7
2
7
2
2
2
2
2
1 2
2
2
2
2
2
2



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com