Electronic Components Datasheet Search
  English  ▼

X  

MBI5029 Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # MBI5029
Description  16-Bit Constant Current LED Sink Driver with Error Detection and Current Adjust
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

MBI5029 Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button MBI5029 Datasheet HTML 17Page - List of Unclassifed Manufacturers MBI5029 Datasheet HTML 18Page - List of Unclassifed Manufacturers MBI5029 Datasheet HTML 19Page - List of Unclassifed Manufacturers MBI5029 Datasheet HTML 20Page - List of Unclassifed Manufacturers MBI5029 Datasheet HTML 21Page - List of Unclassifed Manufacturers MBI5029 Datasheet HTML 22Page - List of Unclassifed Manufacturers MBI5029 Datasheet HTML 23Page - List of Unclassifed Manufacturers MBI5029 Datasheet HTML 24Page - List of Unclassifed Manufacturers MBI5029 Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
16-Bit Constant Current LED Sink Driver with
LED Error Detection and Run-Time Current Adjustment
April 2005, VA.02
- 21 -
MBI5029
Current Gain
16-Bit Configuration Code
Bit 0 Bit 1 Bit 2 Bit 3 Bit 4 Bit 5 Bit 6 Bit 7 Bit 8 Bit 9 Bit 10 Bit 11 Bit 12 Bit 13 Bit 14 Bit 15
Meaning
-
HC
CC0 CC1 CC2 CC3 CC4 CC5
-
-
-
-
-
-
-
-
Default
Value
-
1
1
1
1
1
1
1
-
-
-
-
-
-
-
-
After entering the Current Adjust mode, the system controller can sends 7-bit Current Adjust code to 16-bit Shift
Register through MBI5029 SDI pin. Then sending LE/MOD/CA active pulse will transfer the contents in the Shift
Register to a 16-bit Configuration Latch rather than the 16-bit Output Latch in a Normal mode. The 7-bit Current
Adjust code in the Configuration Latch will directly affect the voltage at R-EXT terminal and output current Iout,target
by the current gain, G. The relationship between the Current Adjust Code {HC, CC〔0:5〕}and current gain G is
shown below:
G = [(1 + 2 x HC)/3]x [(1 + D/32)/3]
where HC is 1 or 0 (HC=0 : Low current band; HC=1 : High current band) and
7-bit Current Adjust Code
G = 95/96
G = 1/3
G = 1/9
64 steps
(0,0,0,0,0,0,0)
(0,0,0,0,0,0,1)
(0,0,0,0,0,1,0)
(1,0,0,0,0,0,0)
64 steps
…
(1,1,1,1,1,1,1)
Note: “-“ means “reserved and not used now”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com