Electronic Components Datasheet Search
  English  ▼

X  

MCP79510 Datasheet(PDF) 33 Page - Microchip Technology

Part # MCP79510
Description  Battery-Backed SPI Real-Time Clock/Calendar
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP79510 Datasheet(HTML) 33 Page - Microchip Technology

Back Button MCP79510 Datasheet HTML 29Page - Microchip Technology MCP79510 Datasheet HTML 30Page - Microchip Technology MCP79510 Datasheet HTML 31Page - Microchip Technology MCP79510 Datasheet HTML 32Page - Microchip Technology MCP79510 Datasheet HTML 33Page - Microchip Technology MCP79510 Datasheet HTML 34Page - Microchip Technology MCP79510 Datasheet HTML 35Page - Microchip Technology MCP79510 Datasheet HTML 36Page - Microchip Technology MCP79510 Datasheet HTML 37Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 58 page
background image
 2012-2022 Microchip Technology Inc. and its subsidiaries
DS20002300D-page 33
MCP7951X/MCP7952X
5.7
Battery Backup
The MCP795XX features a backup power supply input
(VBAT) that can be used to provide power to the
timekeeping circuitry, RTCC registers and SRAM while
primary power is unavailable. The MCP795XX will
automatically switch to backup power when VCC falls
below VTRIP and back to VCC when it is above VTRIP.
The VBATEN bit must be set to enable the VBAT input.
The following functionality is maintained while
operating on backup power:
• Timekeeping
• Alarms
• Alarm Outputs
• Digital Trimming
• RTCC Register and SRAM Contents
The following features are not available while operating
on backup power:
• SPI Communication
• Watchdog Timer
• Event Detect
• Square Wave Clock Output
5.7.1
POWER-FAIL TIMESTAMP
The MCP795XX includes a power-fail timestamp
module that stores the minutes, hours, date and month
when primary power is lost and when it is restored
(Figure 5-9). The PWRFAIL bit is also set to indicate
that a power failure occurred.
To utilize the power-fail timestamp feature, a backup
power supply must be available with the VBAT input
enabled, and the oscillator should also be running to
ensure accurate functionality.
5.7.1.1
Configuring Battery Backup
In order to configure the battery backup feature, the
following steps need to be performed:
1.
Enable the oscillator.
2.
Wait for the OSCRUN bit to be set, indicating the
oscillator has started.
3.
Enable battery backup by setting the VBATEN
bit.
FIGURE 5-9:
POWER-FAIL TIMESTAMP TIMING
Note:
If VCC is lost while VBAT voltage is applied,
but where VBATEN is not set to ‘1’, it
could result in undetermined behavior. If a
backup supply is not used, the VBAT pin
should be connected to VSS.
Note:
Throughout this section, references to the
register and bit names for the Power-Fail
Timestamp module are referred to
generically by the use of ‘x’ in place of the
specific
module
name.
Thus,
“PWRxxMIN” might refer to the minutes
register for power-down or power-up.
Note 1: The PWRFAIL bit must be cleared to log
new timestamp data. This is to ensure
previous timestamp data is not lost.
2: Clearing the PWRFAIL bit will clear all
timestamp registers.
Power-Down
Power-Up
Timestamp
Timestamp
VCC
VTRIP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com