Electronic Components Datasheet Search
  English  ▼

X  

MIC5396 Datasheet(PDF) 9 Page - Microchip Technology

Part # MIC5396
Description  Low-Power Dual 300 mA LDO
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC5396 Datasheet(HTML) 9 Page - Microchip Technology

Back Button MIC5396 Datasheet HTML 5Page - Microchip Technology MIC5396 Datasheet HTML 6Page - Microchip Technology MIC5396 Datasheet HTML 7Page - Microchip Technology MIC5396 Datasheet HTML 8Page - Microchip Technology MIC5396 Datasheet HTML 9Page - Microchip Technology MIC5396 Datasheet HTML 10Page - Microchip Technology MIC5396 Datasheet HTML 11Page - Microchip Technology MIC5396 Datasheet HTML 12Page - Microchip Technology MIC5396 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
2019-2022 Microchip Technology Inc. and its subsidiaries
DS20006264C-page 9
MIC5396/7/8/9
4.0
APPLICATION INFORMATION
MIC5396/7/8/9 are dual 300 mA LDOs in a tiny 8-lead
1.2 mm x 1.6 mm Extra Thin DFN package. The
MIC5397 and MIC5399 include an auto-discharge
circuit for each LDO output, which is activated when the
output is disabled. The MIC5398 and MIC5399 have an
internal pull-down resistor on the enable pin to ensure
that the output is disabled if the control signal is
tri-stated. The MIC5396/7/8/9 regulators are fully
protected from damage due to fault conditions using
linear current limiting and thermal shutdown. These
devices are not suitable for RF transmitter systems.
4.1
Input Capacitor
The
MIC5396/7/8/9
are
high-performance,
high-bandwidth devices. An input capacitor of 1 µF
capacitor is required from the input to ground to provide
stability. Low-ESR ceramic capacitors provide optimal
performance at a minimum of space. Additional
high-frequency capacitors, such as small valued NPO
dielectric type capacitors, help filter out high-frequency
noise and are good practice in any RF-based circuit.
X5R or X7R dielectrics are recommended for the input
capacitor. Y5V dielectrics lose most of their
capacitance over temperature and are therefore, not
recommended.
4.2
Output Capacitor
The MIC5396/7/8/9 require an output capacitor of 1 µF
or greater to maintain stability. The design is optimized
for use with low-ESR ceramic chip capacitors.
High-ESR capacitors may cause high frequency
oscillation. The output capacitor can be increased, but
performance has been optimized for a 1 µF ceramic
output capacitor and does not improve significantly with
larger capacitance.
X7R/X5R dielectric-type ceramic capacitors are
recommended
because
of
their
temperature
performance. X7R type capacitors change capacitance
by 15% over their operating temperature range and are
the most stable type of ceramic capacitors. Z5U and
Y5V dielectric capacitors change value by as much as
50% and 60%, respectively, over their operating
temperature ranges. To use a ceramic chip capacitor
with Y5V dielectric, the value must be much higher than
an X7R ceramic capacitor to ensure the same
minimum capacitance over the equivalent operating
temperature range.
4.3
No-Load Stability
Unlike
many
other
voltage
regulators,
the
MIC5396/7/8/9 will remain stable and in regulation with
no load.
4.4
Enable/Shutdown
The MIC5396/7/8/9 come with two active-high enable
pins that allow each regulator to be disabled
independently. Forcing the enable pin low disables the
regulator and sends it into an off mode current state
drawing virtually zero current. When disabled, the
MIC5397 and MIC5399 switch an internal 25Ω load on
the regulator output to discharge the external capacitor.
Forcing the enable pin high enables the output voltage.
The MIC5396 and MIC5397 active-high enable pin
uses CMOS technology and cannot be left floating. A
floating enable pin may cause an indeterminate state
on the output. The MIC5398 and MIC5399 have an
internal pull-down resistor on the enable pin to disable
the output when the enable pin is floating.
4.5
Thermal Considerations
The MIC5396/7/8/9 are designed to provide two
300 mA continuous current outputs in a very small
package. Maximum operating temperature can be
calculated based on the output currents and the
voltage drop across the part. For example, if the input
voltage is 3.6V, VOUT1 = 3.3V, VOUT2 = 2.8V, each with
an output current of 300 mA. The actual power
dissipation of the regulator circuit can be determined
using Equation 4-1:
EQUATION 4-1:
Because this device is CMOS and the ground current
is typically <100 µA over the load range, the power
dissipation contributed by the ground current is <1%
and can be ignored for the calculation in Equation 4-2:
EQUATION 4-2:
To determine the maximum ambient operating
temperature
of
the
package,
use
the
junction-to-ambient thermal resistance of the device
and the following basic formula in Equation 4-3:
PD
VIN VOUT1
–
IOUT1
VIN VOUT2
–
IOUT2 VIN IGND
+
+
=
PD
3.6V 3.3V
–
300mA
3.6V 2.8V
–
300mA
+
=
PD 0.33W
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com