Electronic Components Datasheet Search
  English  ▼

X  

MIC79050 Datasheet(PDF) 15 Page - Microchip Technology

Part # MIC79050
Description  Simple Lithium-Ion Battery Charger
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC79050 Datasheet(HTML) 15 Page - Microchip Technology

Back Button MIC79050 Datasheet HTML 11Page - Microchip Technology MIC79050 Datasheet HTML 12Page - Microchip Technology MIC79050 Datasheet HTML 13Page - Microchip Technology MIC79050 Datasheet HTML 14Page - Microchip Technology MIC79050 Datasheet HTML 15Page - Microchip Technology MIC79050 Datasheet HTML 16Page - Microchip Technology MIC79050 Datasheet HTML 17Page - Microchip Technology MIC79050 Datasheet HTML 18Page - Microchip Technology MIC79050 Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
2017 - 2022 Microchip Technology Inc. and its subsidiaries.
DS20005771B-page 15
MIC79050
constant-current mode. When the current through the
resistor drops and the battery gets closer to full charge,
the output of the op-amp rises and allows the internal
feedback network of the regulator take over, regulating
the output to 4.2V.
FIGURE 5-10:
Constant-Current,
Constant-Voltage Charger.
5.9
Simple Charging
The MIC79050 is available in a three-terminal package,
allowing for extremely simple battery charging. When
used with a current-limited, low-power input supply, the
MIC79050-4.2YS
completes
a
very
simple,
low-charge-rate, battery-charger circuit. It provides the
accuracy
required
for
termination,
while
a
current-limited input supply offers the constant-current
portion of the algorithm.
5.10 Thermal Considerations
The MIC79050 is offered in three packages for the
various applications. The SOT-223 is most thermally
efficient of the three packages, with the power SOIC-8
and the power MSOP-8 following suit.
5.10.1
POWER SOIC-8 THERMAL
CHARACTERISTICS
One of the secrets of the MIC79050’s performance is
its power SOIC-8 package that features half the
thermal resistance of a standard SOIC-8 package.
Lower thermal resistance means more output current
or higher input voltage for a given package size.
Lower thermal resistance is achieved by joining the
four ground leads with the die attach paddle to create a
single-piece electrical and thermal conductor. This
concept has been used by MOSFET manufacturers for
years, proving very reliable and cost effective for the
user.
Thermal resistance consists of two main elements, θJC,
or thermal resistance junction to case and θCA, thermal
resistance case to ambient (Figure 5-11). θJC is the
resistance from the die to the leads of the package. θCA
is the resistance from the leads to the ambient air and
it includes θCS, thermal resistance case to sink, and
θSA, thermal resistance sink to ambient. Using the
power SOIC-8 reduces the θJC dramatically and allows
the user to reduce θCA. The total thermal resistance,
θJA, junction to ambient thermal resistance, is the
limiting factor in calculating the maximum power
dissipation capability of the device. Typically, the power
SOIC-8 has a θJC of 20°C/W, this is significantly lower
than the standard SOIC-8, which is typically 75°C/W.
θCA is reduced because pins 5-8 can now be soldered
directly to a ground plane, which significantly reduces
the case to sink thermal resistance and sink to ambient
thermal resistance.
FIGURE 5-11:
Thermal Resistance.
The MIC79050 is rated to a maximum junction
temperature of +125°C. It is important not to exceed
this maximum junction temperature during operation of
the device. To prevent this maximum junction
temperature from being exceeded, the appropriate
ground plane heat sink must be used.
Figure 5-12 shows curves of copper area versus power
dissipation, each trace corresponding to different
temperature rises above ambient. From these curves,
the minimum area of copper necessary for the part to
operate safely can be determined. The maximum
allowable temperature rise must be calculated to
determine operation along which curve.
FIGURE 5-12:
Copper Area vs. Power
SOIC Power Dissipation (ΔTJA).
IN
BAT
FB
GND
EN
MIC79050-4.2YMM
SD101
4.7μF
0.01μF
MIC7300
LM4041CIM3-1.2
16.2k
221k
10k
RS
I
mV
R
CC
S
=
=
80
JA
JC
CA
Printed Circuit Board
Ground Plane
Heat Sink Area
SOIC-8
AMBIENT
0
100
200
300
400
500
600
700
800
900
0
0.25 0.50 0.75 1.00 1.25 1.50
POWER DISSIPATION (W)
T
JA =



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com