Electronic Components Datasheet Search
  English  ▼

X  

DG2002E Datasheet(PDF) 2 Page - Vishay Siliconix

Part # DG2002E
Description  Power-off Protection, 6 Ω, 1.8 V to 5.5 V, SPDT Analog Switch (2:1 Multiplexer)
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG2002E Datasheet(HTML) 2 Page - Vishay Siliconix

  DG2002E Datasheet HTML 1Page - Vishay Siliconix DG2002E Datasheet HTML 2Page - Vishay Siliconix DG2002E Datasheet HTML 3Page - Vishay Siliconix DG2002E Datasheet HTML 4Page - Vishay Siliconix DG2002E Datasheet HTML 5Page - Vishay Siliconix DG2002E Datasheet HTML 6Page - Vishay Siliconix DG2002E Datasheet HTML 7Page - Vishay Siliconix DG2002E Datasheet HTML 8Page - Vishay Siliconix DG2002E Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
DG2002E
www.vishay.com
Vishay Siliconix
S18-0422-Rev. C, 23-Apr-18
2
Document Number: 76624
For technical questions, contact: analogswitchtechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
a. All leads welded or soldered to PC board
b. Derate 3.1 mW/°C above 70 °C
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
ABSOLUTE MAXIMUM RATINGS
PARAMETER
LIMIT
UNIT
V+, COM, NC, NO, IN reference to GND
-0.3 to 6
V
Continuous current (any terminal)
± 50
mA
Peak current (pulsed at 1 ms, 10 % duty cycle)
± 200
Storage temperature
-65 to +150
°C
Power dissipation (packages) a
6-pin SC-70 b
250
mW
ESD / HBM
JS-001
7000
V
ESD / CDM
JS-002
1000
Latch up
Per JESD78 with
1.5 x voltage clamp
200
mA
SPECIFICATIONS (V+ = 5 V)
PARAMETER
SYMBOL
TEST CONDITIONS
UNLESS OTHERWISE SPECIFIED
V+ = 5 V, ± 10 %
VIN = 0.8 V or 2.4 V e
TEMP.a
LIMITS
-40 °C to +85 °C
UNIT
MIN. b
TYP. c
MAX. b
Analog Switch
Analog signal range d
VNO, VNC
VCOM
Full
0
-
V+
V
Drain-source on-resistance d
RDS(on)
V+ = 4.5 V, VCOM = 3 V, INO, INC = 10 mA
Room
-
6
8
Full
-
8
10
RDS(on) flatness d
RDS(on)
flatness
V+ = 5 V, VCOM = 1.5 V, 3.5 V, INO, INC = 10 mA
Room
-
0.4
-
RDS(on) match d
R
DS(on)
V+ = 4.5 V, VCOM = 3 V, INO, INC = 10 mA
Room
-
0.04
0.2
Switch-off leakage current f
INO(off),
INC(off)
V+ = 5.5 V,
VNO, VNC = 1 V / 4.5 V, VCOM = 4.5 V / 1 V
Room
-1.5
-
1.5
nA
Full
-4
-
4
ICOM(off)
Room
-1
-
1
Full
-4
-
4
Channel-on leakage current f
ICOM(on)
V+ = 5.5 V,
VNO, VNC = VCOM = 1 V / 4.5 V
Room
-1
-
1
Full
-4
-
4
Power-down leakage
IPD
V+ = 0 V, VCOM = 5 V, NO/NC open, VIN = GND
Full
-
-
2
μA
V+ = 0 V, VNO, VNC = 5 V, COM open, VIN = GND
Full
-
-
2
Digital Control
Input high voltage
VINH
Full
2.4
-
-
V
Input low voltage
VINL
Full
-
-
0.8
Input capacitance d
CIN
Full
-
6
-
pF
Input current
IINL or IINH
VIN = 0 V or V+
Full
-1
-
1
μA
Dynamic Characteristics
Turn-on time d
tON
VNO or VNC = 3 V, RL = 300 , CL = 35 pF
Room
-
10
30
ns
Full
-
-
32
Turn-off time d
tOFF
Room
-
8
24
Full
-
-
26
Break-before-make time d
tBBM
Room
1
-
-
Charge injection d
QINJ
CL = 1 nF, VGEN = 0 V, VNO, VNC = 0 V, RGEN = 0 
Room
-
1
-
pC
Off-isolation d
OIRR
RL = 50 , CL = 5 pF, f = 1 MHz
Room
-
-78
-
dB
Crosstalk d
XTALK
Room
-
-77
-
NO, NC off capacitance d
CNO(off)
VIN = 0 V or V+, f = 1 MHz
Room
-
7
-
pF
CNC(off)
Room
-
7
-
Channel-on capacitance d
CON
Room
-
13
-
Power Supply
Power supply current d
I+
VIN = 0 V or V+
Full
-
0.004
1
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com