Electronic Components Datasheet Search
  English  ▼

X  

DG2002 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # DG2002
Description  Low-Voltage Single SPDT Analog Switch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG2002 Datasheet(HTML) 5 Page - Vishay Siliconix

  DG2002 Datasheet HTML 1Page - Vishay Siliconix DG2002 Datasheet HTML 2Page - Vishay Siliconix DG2002 Datasheet HTML 3Page - Vishay Siliconix DG2002 Datasheet HTML 4Page - Vishay Siliconix DG2002 Datasheet HTML 5Page - Vishay Siliconix DG2002 Datasheet HTML 6Page - Vishay Siliconix DG2002 Datasheet HTML 7Page - Vishay Siliconix DG2002 Datasheet HTML 8Page - Vishay Siliconix DG2002 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Document Number: 71448
S-72609-Rev. C, 24-Dec-07
www.vishay.com
5
Vishay Siliconix
DG2002
TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
rON vs. VCOM and Supply Voltage
Supply Current vs. Temperature
Leakage Current vs. Temperature
0
5
10
15
20
25
30
35
40
012345
VCOM - Analog Voltage (V)
V+ = 1.8 V
V+ = 2 V
V+ = 3 V
V+ = 5 V
- 60
- 40
- 20
0
20
40
60
80
100
10
1
0.01
Temperature (°C)
0.1
V+ = 5 V
VIN = 0 V
- 60
- 40
- 20
0
20
40
60
80
100
1000
1
100
Temperature (°C)
10000
V+ = 5 V
10
INO(off)/INC(off)
ICOM(on)
ICOM(off)
rON vs. Analog Voltage and Temperature
Supply Current vs. Input Switching Frequency
Leakage vs. Analog Voltage
0
5
10
15
20
25
30
35
0123456
VCOM - Analog Voltage (V)
V+ = 2 V
V+ = 5 V
85 °C
- 40 °C
25 °C
85 °C
- 40 °C
25 °C
10 m
Input Switching Frequency (Hz)
10 K
1 M
10 M
100 K
1 K
100
10
1 n
1 m
100 µ
10 µ
1 µ
10 n
100 n
- 150
- 100
- 50
0
50
100
150
012345
VCOM, VNO, VNC - Analog Voltage
V+ = 5 V
T = 25 °C
INO(off)/INC(off)
ICOM(on)
ICOM(off)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com