Electronic Components Datasheet Search
  English  ▼

X  

MSK0024 Datasheet(PDF) 3 Page - M.S. Kennedy Corporation

Part # MSK0024
Description  HIGH SPEED OPERATIONAL AMPLIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK0024 Datasheet(HTML) 3 Page - M.S. Kennedy Corporation

  MSK0024 Datasheet HTML 1Page - M.S. Kennedy Corporation MSK0024 Datasheet HTML 2Page - M.S. Kennedy Corporation MSK0024 Datasheet HTML 3Page - M.S. Kennedy Corporation MSK0024 Datasheet HTML 4Page - M.S. Kennedy Corporation MSK0024 Datasheet HTML 5Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
APPLICATION NOTES
3
Rev. A
3/03
HEAT SINKING
To determine if a heat sink is necessary for your appli-
cation and if so, what type, refer to the thermal model
and governing equation below.
Thermal Model:
Governing Equation:
TJ = PD X (R
θJC + RθCS + RθSA) + TA
Where
TJ
= Junction Temperature
PD
= Total Power Dissipation
R
θJC
= Junction to Case Thermal Resistance
R
θCS = Case to Heat Sink Thermal Resistance
R
θSA = Heat Sink to Ambient Thermal Resistance
TC
= Case Temperature
TA
= Ambient Temperature
TS
= Sink Temperature
Example:
The example demonstrates a worst case analysis for
the op-amp output stage. This occurs when the output
voltage is 1/2 the power supply voltage. Under this con-
dition, maximum power transfer occurs and the output
is under maximum stress.
Conditions:
VCC=±16VDC
VOUT=±8Vp Sine Wave, Freq.=1KHz
RL=200
Ω
For a worst case analysis we treat the +8Vp sine wave
as an 8 VDC output voltage.
1.) Find driver power dissipation
PD=(VCC-VOUT) (VOUT/RL)
=(16V-8V) (8V/200
Ω)
=320mW
2.) For conservative design, set TJ =+125°C.
3.) For this example, worst case TA =+100°C.
4.) R
θJC = 58°C/W from MSK 032B Data Sheet.
5.) R
θCS=0.15°C/W for most thermal greases.
6.) Rearrange governing equation to solve for R
θSA:
R
θSA= ((TJ - TA) / PD) - (RθJC) - (RθCS)
= (125°C - 100°C)/0.32W - 58°C/W - 0.15°C/W
=78.1 - 58.15
=19.9°C/W
The heat sink in this example must have a thermal
resistance of no more than 19.9°C/W to maintain a junc-
tion temperature of less than +125°C.
INPUT CONSIDERATIONS
An input resistor (RIN below) is required in circuits
where the input to the MSK0024 will be subjected to
transient or continuous voltages exceeding the ±6V
maximum differential limit. This resistor will limit the cur-
rent that can be forced into the bases of the input tran-
sistors.
FEEDBACK RESISTORS
Feedback resistors should be of low enough value
(<5K recommended) to ensure that the time constant
formed with the capacitance at the summing junction
will not limit amplifier performance. If a larger resistor
must be used, a small (< 10pF) feedback capacitor may
be used in parallel with the feedback resistor to compen-
sate and optimize the performance of the MSK0024.
TYPICAL APPLICATION CIRCUIT
POWER SUPPLY BYPASSING
Both the negative and positive power supplies must be
effectively decoupled with a high and low frequency
bypass circuit to avoid power supply induced oscillation.
An effective decoupling scheme consists of a 0.1 micro-
farad ceramic capacitor in parallel with a 4.7 microfarad
tantalum capacitor from each power supply pin to ground.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com