Electronic Components Datasheet Search
  English  ▼

X  

DG2513 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # DG2513
Description  Low-Voltage, Low RON, Single Analog Switch In miniQFN-6 Package
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG2513 Datasheet(HTML) 4 Page - Vishay Siliconix

  DG2513 Datasheet HTML 1Page - Vishay Siliconix DG2513 Datasheet HTML 2Page - Vishay Siliconix DG2513 Datasheet HTML 3Page - Vishay Siliconix DG2513 Datasheet HTML 4Page - Vishay Siliconix DG2513 Datasheet HTML 5Page - Vishay Siliconix DG2513 Datasheet HTML 6Page - Vishay Siliconix DG2513 Datasheet HTML 7Page - Vishay Siliconix DG2513 Datasheet HTML 8Page - Vishay Siliconix DG2513 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
www.vishay.com
4
Document Number: 74454
S12-1989–Rev. D, 20-Aug-12
Vishay Siliconix
DG2511, DG2512, DG2513
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
For more information please contact: analogswitchtechsuoort@vishay.com
TYPICAL CHARACTERISTICS (25 °C, unless otherwise noted)
RON vs. VCOM and Supply Voltage
RON vs. Analog Voltage and Temperature
RON vs. Analog Voltage and Temperature
VCOM - Analog Voltage (V)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
01
23
45
T = 25 °C
IS = 100 mA
V+ = 4.5 V
V+ = 5.0 V
V+ = 5.5 V
V+ = 2.0 V
V+ = 2.7 V
V+ = 3.0 V
V+ = 3.6 V
V+ = 1.8 V
VCOM - Analog Voltage (V)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0
0.5
1
1.5
2
2.5
3
V+ = 3.0 V, IS = 100 mA
+ 85 °C
+ 25 °C
- 40 °C
VCOM - Analog Voltage (V)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
V+ = 5.0 V, IS = 100 mA
+ 85 °C
+ 25 °C
- 40 °C
Supply Current vs. Temperature
Supply Current vs. Input Switching Frequency
Leakage Current vs. Temperature
Temperature (°C)
1
10
100
1000
10000
100000
- 60
- 40
- 20
0
20
40
60
80
100
V+ = 5.5 V
VIN = 0 V
Input Switching Frequency (Hz)
10
100
1K
10K
100K
1M
10M
V+ = 5.5 V
10 mA
1 mA
100 µA
10 µA
1 µA
100 nA
10 nA
1 nA
Temperature (°C)
1
10
100
1000
10000
- 60
- 40
- 20
0
20
40
60
80
100
V+ = 5.5 V
ICOM(off)
ICOM(on)
INC/NO(on)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com