Electronic Components Datasheet Search
  English  ▼

X  

DG2522 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # DG2522
Description  Low Voltage, Fault Protection, SP3T Analog Switch (3:1 Multiplexer/Demultiplexer)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG2522 Datasheet(HTML) 4 Page - Vishay Siliconix

  DG2522 Datasheet HTML 1Page - Vishay Siliconix DG2522 Datasheet HTML 2Page - Vishay Siliconix DG2522 Datasheet HTML 3Page - Vishay Siliconix DG2522 Datasheet HTML 4Page - Vishay Siliconix DG2522 Datasheet HTML 5Page - Vishay Siliconix DG2522 Datasheet HTML 6Page - Vishay Siliconix DG2522 Datasheet HTML 7Page - Vishay Siliconix DG2522 Datasheet HTML 8Page - Vishay Siliconix DG2522 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
www.vishay.com
4
Document Number: 68831
S09-0293-Rev. B, 23-Feb-09
Vishay Siliconix
DG2522
TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
RON vs. VD and Single Supply Voltage
RON vs. Analog Voltage and Temperature
RON vs. Analog Voltage and Temperature
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
3.0
3.2
3.4
3.6
3.8
4.0
4.2
4.4
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
VD - Analog Voltage (V)
V+ = 4.5 V
V+ = 1.6 V
V+ = 2.3 V
V+ = 3.0 V
V+ = 5.5 V
VD - Analog Voltage (V)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
2.2
- 40 °C
+ 25 °C
+ 85 °C
V+ = 2.3 V
ISX = 100 mA
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
VD - Analog Voltage (V)
- 40 °C
+ 25 °C
+ 85 °C
V+ = 4.5 V
ISX = 100 mA
RON vs. Analog Voltage and Temperature
RON vs. Analog Voltage and Temperature
RON vs. Analog Voltage and Temperature
VD - Analog Voltage (V)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
- 40 °C
+ 25 °C
+ 85 °C
V+ = 1.6 V
ISX = 100 mA
VD - Analog Voltage (V)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0.0
0.3
0.6
0.9
1.2
1.5
1.8
2.1
2.4
2.7
3.0
- 40 °C
+ 25 °C
+ 85 °C
V+ = 3.0 V
ISX = 100 mA
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5
VD - Analog Voltage (V)
- 40 °C
+ 25 °C
+ 85 °C
V+ = 5.5 V
ISX = 100 mA



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com