Electronic Components Datasheet Search
  English  ▼

X  

DG2599 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # DG2599
Description  Low Voltage, Dual DPDT in miniQFN16
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG2599 Datasheet(HTML) 4 Page - Vishay Siliconix

  DG2599 Datasheet HTML 1Page - Vishay Siliconix DG2599 Datasheet HTML 2Page - Vishay Siliconix DG2599 Datasheet HTML 3Page - Vishay Siliconix DG2599 Datasheet HTML 4Page - Vishay Siliconix DG2599 Datasheet HTML 5Page - Vishay Siliconix DG2599 Datasheet HTML 6Page - Vishay Siliconix DG2599 Datasheet HTML 7Page - Vishay Siliconix DG2599 Datasheet HTML 8Page - Vishay Siliconix DG2599 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
DG2599
www.vishay.com
Vishay Siliconix
S21-0507-Rev. D, 24-May-2021
4
Document Number: 67667
For technical questions, contact: analogswitchtechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
RON vs. Analog Voltage and Temperature
Leakage Current vs. Temperature
TYPICAL CHARACTERISTICS (TA = 25 °C, unless otherwise noted)
Leakage vs. Analog Voltage
(NC) Switching Time vs. Temperature
(NO) Switching Time vs. Temperature
V
COM - Analog Voltage (V)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0
0.5
1
1.5
2
2.5
3
3.5
4
T
A = 25 °C
T
A = - 40 °C
I
NC/NO = 100 mA
V+ = 4.3 V
T
A = 85 °C
Temperature (°C)
1
10
100
1000
10 000
- 40
- 20
0
20
40
60
80
100
V+ = 3 V
I
COM(on)
I
NC(off)
I
COM(off)
Analog Voltage (V)
- 100
- 80
- 60
- 40
- 20
0
20
40
60
80
100
0
0.5
1.0
1.5
2.0
2.5
3.0
I
COM(off)
I
COM(on)
I
NC(off)
V+ = 3 V
Temperature (°C)
- 60
- 40
- 20
0
20
40
60
80
100
0
10
20
30
40
50
60
70
80
t
OFF V+ = 4.3 V
t
OFF V+ = 3 V
t
ON V+ = 3 V
t
ON V+ = 4.3 V
Temperature (°C)
0
5
10
15
20
25
30
35
40
45
50
- 60
- 40
- 20
0
20
40
60
80
100
t
OFF V+ = 4.3 V
t
OFF V+ = 3 V
t
ON V+ = 3 V
t
ON V+ = 4.3 V
Frequency (Hz)
- 130
- 120
- 110
- 100
- 90
- 80
- 70
- 60
- 50
- 40
- 30
- 20
- 10
0
10
100K
1M
10M
100M
1G
Loss
OIRR
Xtalk NC/NO
Xtalk Ch3/C
V+ = 3 V
R
L = 50 Ω



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com