Electronic Components Datasheet Search
  English  ▼

X  

DG2613 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # DG2613
Description  Low-Voltage, Low RON, SPDT Audio Switch with Negative Swing Capability
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG2613 Datasheet(HTML) 4 Page - Vishay Siliconix

  DG2613 Datasheet HTML 1Page - Vishay Siliconix DG2613 Datasheet HTML 2Page - Vishay Siliconix DG2613 Datasheet HTML 3Page - Vishay Siliconix DG2613 Datasheet HTML 4Page - Vishay Siliconix DG2613 Datasheet HTML 5Page - Vishay Siliconix DG2613 Datasheet HTML 6Page - Vishay Siliconix DG2613 Datasheet HTML 7Page - Vishay Siliconix DG2613 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
www.vishay.com
4
Document Number: 74339
S-83070-Rev. C, 29-Dec-08
Vishay Siliconix
DG2612, DG2613
TYPICAL CHARACTERISTICS TA = 25 °C, unless otherwise noted
TEST CIRCUITS
Insertion Loss, Off-Isolation, Crosstalk vs.
Frequency
Charge Injection vs. Analog Voltage
- 80
- 70
- 60
- 50
- 40
- 30
- 20
- 10
0
10
100K
1M
10M
100M
1G
Frequency (Hz)
LOSS
V+ = 3.0 V
RL = 50 Ω
DG2612
OIRR
XTALK
- 20
0
10
20
30
40
- 4.0 - 3.0 - 2.0 - 1.0
0.0
1.0
2.0
3.0
4.0
5.0
DG2613
- 10
V+ = 2 V
V+ = 3 V
V+ = 5 V
VCOM - Analog Voltage (V)
Insertion Loss, Off-Isolation, Crosstalk vs.
Frequency
Switching Threshold vs. Supply Voltage
- 80
- 70
- 60
- 50
- 40
- 30
- 20
- 10
0
10
100K
1M
10M
100M
1G
Frequency (Hz)
OIRR
LOSS
V+ = 3.0 V
RL = 50 Ω
DG2613
XTALK
0
0.5
1
1.5
2
1.0
2.0
3.0
4.0
5.0
6.0
V+ - Supply Voltage (V)
Figure 1. Switching Time
Switch
Input
CL (includes fixture and stray capacitance)
V+
IN
NO or NC
CL
35 pF
COM
Logic
Input
RL
50
Ω
VOUT
GND
V+
50 %
0 V
0 V
Logic
Input
Switch
Output
tON
tOFF
Logic "1" = Switch On
Logic input waveforms inverted for switches that have
the opposite logic sense.
0 V
Switch Output
V
OUT =
V
COM
R
L
R
L +
R
ON
+ 3 V
0.9 x VOUT
tr < 5 ns
tf < 5 ns



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com