Electronic Components Datasheet Search
  English  ▼

X  

DG2616 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # DG2616
Description  Low Voltage, Dual SPDT Analog Switch with Charge Pump
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG2616 Datasheet(HTML) 4 Page - Vishay Siliconix

  DG2616 Datasheet HTML 1Page - Vishay Siliconix DG2616 Datasheet HTML 2Page - Vishay Siliconix DG2616 Datasheet HTML 3Page - Vishay Siliconix DG2616 Datasheet HTML 4Page - Vishay Siliconix DG2616 Datasheet HTML 5Page - Vishay Siliconix DG2616 Datasheet HTML 6Page - Vishay Siliconix DG2616 Datasheet HTML 7Page - Vishay Siliconix DG2616 Datasheet HTML 8Page - Vishay Siliconix DG2616 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
www.vishay.com
4
Document Number: 74411
S-82149-Rev. B, 08-Sep-08
Vishay Siliconix
DG2616, DG2617, DG2618
Notes:
a. Room = 25 °C, Full = as determined by the operating suffix.
b. The algebraic convention whereby the most negative value is a minimum and the most positive a maximum, is used in this data sheet.
c. Typical values are for design aid only, not guaranteed nor subject to production testing.
d. Guarantee by design, not subjected to production test.
e. VIN = input voltage to perform proper function.
f. Crosstalk measured between channels.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
Parameter
Symbol
Test Conditions
Otherwise Unless Specified
V+ = 3 V, ± 10 %, VIN = 0.5 or 1.4 V
e
Temp.a
Limits
- 40 °C to 85 °C
Unit
Min.b
Typ.c
Max.b
Power Supply
Power Supply Range
V+
1.5
3.6
V
Power Supply Current
I+
V+ = 3.6 V, VIN = 0 or V+, SHDN/EN = 0 V
Full
104
300
µA
V+ = 3.6 V, VIN = 0 or V+, SHDN/EN = V+
0.1
2
SPECIFICATIONS V+ = 3 V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com