Electronic Components Datasheet Search
  English  ▼

X  

DG2747 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # DG2747
Description  0.4-Ω, Low Voltage, Dual SPST Analog Switch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG2747 Datasheet(HTML) 4 Page - Vishay Siliconix

  DG2747 Datasheet HTML 1Page - Vishay Siliconix DG2747 Datasheet HTML 2Page - Vishay Siliconix DG2747 Datasheet HTML 3Page - Vishay Siliconix DG2747 Datasheet HTML 4Page - Vishay Siliconix DG2747 Datasheet HTML 5Page - Vishay Siliconix DG2747 Datasheet HTML 6Page - Vishay Siliconix DG2747 Datasheet HTML 7Page - Vishay Siliconix DG2747 Datasheet HTML 8Page - Vishay Siliconix DG2747 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
www.vishay.com
4
Document Number: 69977
S09-0396-Rev. B, 09-Mar-09
Vishay Siliconix
DG2747, DG2748, DG2749
TYPICAL CHARACTERISTICS TA = 25 °C, unless otherwise noted
RDS(ON) vs. VD and Supply Voltage
Supply Current vs. Temperature
Leakage vs. Analog Voltage
VCOM (VD) - Analog Voltage (V)
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
012
3
45
V+ = 2.7 V
V+ = 3 V
V+ = 3.6 V
V+ = 4.3 V
V+ = 1.6 V
TA = 25 °C
Temperature (°C)
0
0.1
1.0
10
100
- 40
- 20
0
20
40
60
80100
V+ = 4.3 V
VCOM - Analog Voltage (V)
- 2500
- 2000
- 1500
- 1000
- 500
0
500
1000
1500
01
23
4
V+ = 4.3 V
INO(off)
ICOM(off)
ICOM(on)
0.5
1.5
2.5
3.5
4.5
RDS(ON) vs. VD and Temperature
Leakage Current vs. Temperature
Charge Injection vs. Analog Voltage
VCOM (VD) - Analog Voltage (V)
0
0.1
0.2
0.3
0.4
0.5
0.6
0
0.5
1
1.5
2
2.5
3
+ 85 °C
+ 25 °C
- 40 °C
V+ = 2.7 V
Temperature (°C)
1
10
100
1000
10000
- 40
- 20
0
20
40
60
80
100
ICOM(off)
INO(off)
ICOM(on)
V+ = 4.3 V
0
2
4
6
8
10
12
14
16
18
0
0.5
1
1.5
2
2.5
3
3.5
4
Analog Voltage (V)
C L = 1 nF
Drain
V+ = 3.6 V
V+ = 3 V
V+ = 2.7 V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com