Electronic Components Datasheet Search
  English  ▼

X  

MSK111H Datasheet(PDF) 2 Page - M.S. Kennedy Corporation

Part # MSK111H
Description  HIGH SPEED POWER AMPLIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK111H Datasheet(HTML) 2 Page - M.S. Kennedy Corporation

  MSK111H Datasheet HTML 1Page - M.S. Kennedy Corporation MSK111H Datasheet HTML 2Page - M.S. Kennedy Corporation MSK111H Datasheet HTML 3Page - M.S. Kennedy Corporation MSK111H Datasheet HTML 4Page - M.S. Kennedy Corporation MSK111H Datasheet HTML 5Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Group A
Subgroup
-
1
2,3
1
2,3
1
4
1
4
4
-
-
4
-
-
-
VCM=±5V
VCC=24V to 30V
f=1KHz RL=1K
Ω
f=1KHz RL=50
Ω
VO=20VPP
10V Step
VOUT=±10V
RL=1K
Ω
TC=25°C
Junction to Case @ 125°C
Rf
Storage Temperature Range
Lead Temperature Range
(10 Seconds)
Case Operating Temperature
MSK111
MSK111H/E
Junction Temperature
ABSOLUTE MAXIMUM RATINGS
VCC
IOUT
VIN
VIN
Total Supply Voltage
Output Current
Differential Input Voltage
Common Mode Input Voltage
-65°C to +150°C
300°C
-40°C to +85°C
-55°C to +125°C
175°C
TST
TLD
TC
TJ
MSK 111H/E
MSK 111
Parameter
Test Conditions
ELECTRICAL SPECIFICATIONS
1
Units
Min.
±12
-
-
-
-
-
48
60
±10
400
-
-
2500
-
-
1.495
Typ.
±15
±28
-
±0.5
-
5
54
75
±11
-
40
20
3000
2.9
35
1.5
Max.
±16
±35
-
±10
-
30
-
-
-
-
-
-
-
-
-
1.505
Min.
±12
-
-
-
-
-
48
60
±10
400
-
-
2500
-
-
1.497
1
2
3
4
5
6
7
NOTES:
Max.
±16
±30
±50
±5
±30
20
-
-
-
-
-
-
-
-
-
1.503
Typ.
±15
±28
-
±0.5
-
5
54
75
±11
-
40
20
3000
2.9
31
1.5
30
30
30
30
30
32V
0.4A
±6V
±VCC
V
mA
mA
mV
mV
µA
dB
dB
V
mA
MHz
nS
V/µS
nS
°C/W
K
Ω
Unless otherwise specified, ±VCC=±15V AV=10V/V and RL=
∞ and Tc=25°C.
Guaranteed by design but not tested. Typical parameters are representative of actual device
performance but are for reference only.
Industrial grade and "E" suffix devices shall be tested to subgroups 1 and 4 unless otherwise specified.
Military grade devices ("H" suffix) shall be 100% tested to subgroups 1,2,3 and 4.
Subgroup 5 and 6 testing available upon request.
Subgroup 1,4
TA=TC=+25°C
Subgroup 2,5
TA=TC=+125°C
Subgroup 3,6
TA=TC=-55°C
Continuous operation at or above absolute maximum ratings may adversely effect the device performance and/or life cycle.
STATIC
Supply Voltge Range
INPUT
Input Bias Current
Common Mode Rejection
Power Supply Rejection
OUTPUT
Output Voltage Swing
Output Current
Power Bandwidth
Settling Time
Slew Rate
Propagation Delay
Thermal Resistance
Internal Feedback Resistor
Rev. B 10/05
2
2
2
2
2
2
2
2
2
Quiescent Current
Input Offset Voltage
VIN=0V
VIN=0V
7



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com