Electronic Components Datasheet Search
  English  ▼

X  

DG3157 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # DG3157
Description  High-Speed, Low RON, SPDT Analog Switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG3157 Datasheet(HTML) 4 Page - Vishay Siliconix

  DG3157 Datasheet HTML 1Page - Vishay Siliconix DG3157 Datasheet HTML 2Page - Vishay Siliconix DG3157 Datasheet HTML 3Page - Vishay Siliconix DG3157 Datasheet HTML 4Page - Vishay Siliconix DG3157 Datasheet HTML 5Page - Vishay Siliconix DG3157 Datasheet HTML 6Page - Vishay Siliconix DG3157 Datasheet HTML 7Page - Vishay Siliconix DG3157 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
www.vishay.com
4
Document Number: 72648
S09-0294-Rev. D, 23-Feb-09
Vishay Siliconix
DG3157
LOGIC DIAGRAM Positive Logic
TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
Figure 1.
A
B1
B0
S
RON vs. VA vs. V+
0
5
10
15
20
25
30
35
40
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
VA (V)
V+ = 1.65 V, IS = 4 mA
V+ = 2.3 V, IS = 8 mA
V+ = 3.0 V, IS = 24 mA
V+ = 4.5 V, IS = 30 mA



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com